Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH37K10DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG7PH37K10DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH37K10DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG7PH37K10DPBF Datasheet HTML 1Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 2Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 3Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 4Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 5Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 6Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 7Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 8Page - International Rectifier IRG7PH37K10DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRG7PH37K10DPbF/IRG7PH37K10D-EPbF
5
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
November 4, 2013
0
5
10
15
20
25
30
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
4
6
8
10
12
14
16
VGE (V)
0
10
20
30
40
50
60
TJ = 25°C
TJ = 150°C
Fig. 13
- Typ. Transfer Characteristics
VCE = 50V; tp = 20µs
0
20
40
60
80
100
RG ()
10
100
1000
tR
tdOFF
tF
tdON
Fig. 15
- Typ. Switching Time vs. IC
TJ = 150°C; L = 0.62mH; VCE = 600V, RG = 10; VGE = 15V
Fig. 16
- Typ. Energy Loss vs. RG
TJ = 150°C; L = 0.62mH; VCE = 600V, ICE = 15A; VGE = 15V
0
2040
6080
100
Rg ()
1.0
1.4
1.8
2.2
2.6
EOFF
EON
010
20
30
IC (A)
0.0
1.0
2.0
3.0
4.0
EOFF
EON
Fig. 14
- Typ. Energy Loss vs. IC
TJ = 150°C; L = 0.62mH; VCE = 600V, RG = 10; VGE = 15V
Fig. 17
- Typ. Switching Time vs. RG
TJ = 150°C; L = 0.62mH; VCE = 600V, ICE = 15A; VGE = 15V
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 7.5A
ICE= 15A
ICE= 30A
Fig. 12
- Typical VCE vs. VGE
TJ = 150°C


Similar Part No. - IRG7PH37K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH37K10DPBF IRF-IRG7PH37K10DPBF Datasheet
647Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG7PH37K10DPBF IRF-IRG7PH37K10DPBF_15 Datasheet
647Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG7PH37K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com