Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH50K10DPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRG7PH50K10DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH50K10DPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRG7PH50K10DPBF Datasheet HTML 4Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 5Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 6Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 7Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 8Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 9Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 10Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 11Page - International Rectifier IRG7PH50K10DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 
IRG7PH50K10DPbF/IRG7PH50K10D-EPbF
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 150°C using Fig. CT.4
Fig. WF4 - Typ. S.C. Waveform
@ TJ = 150°C using Fig. CT.3
Fig. WF3 - Typ. Diode Recovery Waveform
@ TJ = 150°C using Fig. CT.4
-10
0
10
20
30
40
50
60
70
80
-100
0
100
200
300
400
500
600
700
800
-0.4 -0.2
0
0.2
0.4
0.6
0.8
time(µs)
90% ICE
10% VCE
10% ICE
Eoff Loss
tf
-10
0
10
20
30
40
50
60
70
80
-100
0
100
200
300
400
500
600
700
800
-0.4 -0.2
0
0.2
0.4
0.6
0.8
time (µs)
TEST
CURRENT
90%
ICE
10% VCE
10%
ICE
tr
Eon Loss
-30
-15
0
15
30
45
-0.20 0.000.200.400.600.80
time (µS)
Peak
IRR
tRR
QRR
-50
0
50
100
150
200
250
300
350
-100
0
100
200
300
400
500
600
700
-10
-5
0
5
101520
Time (uS)
VCE
ICE
9
www.irf.com
© 2012 International Rectifier
January 09, 2013


Similar Part No. - IRG7PH50K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH50K10DPBF IRF-IRG7PH50K10DPBF Datasheet
546Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRG7PH50K10DPBF IRF-IRG7PH50K10DPBF_15 Datasheet
546Kb / 12P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRG7PH50K10DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com