Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7RA13UTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG7RA13UTRPBF
Description  Advanced Trench IGBT Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7RA13UTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG7RA13UTRPBF Datasheet HTML 1Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 2Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 3Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 4Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 5Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 6Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 7Page - International Rectifier IRG7RA13UTRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
IRG7RA13UPbF
4
www.irf.com
© 2012 International Rectifier
November 5th, 2012
Fig 9.
Typical EPULSE vs. Collector Current
Fig 11.
EPULSE vs. Temperature
Fig 12.
Forward Bias Safe Operating Area
Fig 7.
Maximum Collector Current
vs. Case Temperature
195 200 205 210 215 220 225 230 235 240
VCE, Collector-to-Emitter Voltage (V)
600
700
800
900
1000
1100
1200
1300
L = 220nH
C = 0.4µF
100°C
25°C
1
10
100
1000
VCE(V)
0.1
1
10
100
1msec
10µsec
100µsec
Tc = 25°C
Tj = 150°C
Single Pulse
Fig 10.
Typical EPULSE vs.
Collector-to-Emitter Voltage
Fig 8.
Typical Repetitive Peak Current
vs. Case Temperature
160
170
180
190
200
210
220
230
IC, Peak Collector Current (A)
400
500
600
700
800
900
1000
1100
1200
1300
VCC = 240V
L = 220nH
C = variable
100°C
25°C
25
50
75
100
125
150
TJ, Temperature (ºC)
400
600
800
1000
1200
1400
1600
VCC = 240V
L = 220nH
t = 1µs half sine
C= 0.4µF
C= 0.3µF
C= 0.2µF
25
50
75
100
125
150
TC (°C)
0
10
20
30
40
25
50
75
100
125
150
Case Temperature (°C)
0
50
100
150
200
250
300
ton= 1µs
Duty cycle = 0.01
Half Sine Wave


Similar Part No. - IRG7RA13UTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7R313 IRF-IRG7R313 Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7R313U IRF-IRG7R313U Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7R313UPBF IRF-IRG7R313UPBF Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRG7RC07SDPBF IRF-IRG7RC07SDPBF Datasheet
299Kb / 11P
   Optimized for line frequency, 50/60Hz switching frequency
IRG7RC10FDPBF IRF-IRG7RC10FDPBF Datasheet
332Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG7RA13UTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4055PBF IRF-IRGB4055PBF Datasheet
620Kb / 7P
   Advanced Trench IGBT Technology
IRG6B330UDPBF IRF-IRG6B330UDPBF_15 Datasheet
275Kb / 7P
   Advanced Trench IGBT Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Advanced Power Electron...
AP40G120W A-POWER-AP40G120W_14 Datasheet
99Kb / 3P
   Advanced IGBT Technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Silikron Semiconductor ...
SSF1122D SILIKRON-SSF1122D Datasheet
627Kb / 5P
   Advanced trench process technology
SSF6010A SILIKRON-SSF6010A Datasheet
449Kb / 5P
   Advanced trench process technology
SSF6014A SILIKRON-SSF6014A Datasheet
486Kb / 5P
   Advanced trench process technology
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
   Advanced trench process technology
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
   Advanced trench process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com