Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100X14X104MT4T Datasheet(PDF) 8 Page - Johanson Technology Inc.

Part # 100X14X104MT4T
Description  X2Y짰 FILTER & DECOUPLING CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

100X14X104MT4T Datasheet(HTML) 8 Page - Johanson Technology Inc.

  100X14X104MT4T Datasheet HTML 1Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 2Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 3Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 4Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 5Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 6Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 7Page - Johanson Technology Inc. 100X14X104MT4T Datasheet HTML 8Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SIZE
TC
Y-CAPACITOR
VOLTAGE
RATING (DC)
JOHANSON P/N
REEL QTY
VALUE
TOLERANCE
0805
NPO/COG
10pF
±20%
100
101X15N100MV4E
4,000
22pF
±20%
100
101X15N220MV4E
4,000
27pF
±20%
100
101X15N270MV4E
4,000
33pF
±20%
100
101X15N330MV4E
4,000
47pF
±20%
100
101X15N470MV4E
4,000
100pF
±20%
100
101X15N101MV4E
4,000
220pF
±20%
50
500X15N221MV4E
4,000
470pF
±20%
50
500X15N471MV4E
4,000
X7R
47pF
±20%
100
101X15W470MV4E
4,000
100pF
±20%
100
101X15W101MV4E
4,000
220pF
±20%
100
101X15W221MV4E
4,000
470pF
±20%
100
101X15W471MV4E
4,000
1nF
±20%
100
101X15W102MV4E
4,000
1.5nF
±20%
100
101X15W152MV4E
4,000
2.2nF
±20%
100
101X15W222MV4E
4,000
4.7nF
±20%
100
101X15W472MV4E
4,000
10nF
±20%
100
101X15W103MV4E
4,000
15nF
±20%
50
500X15W153MV4E
4,000
22nF
±20%
50
500X15W223MV4E
4,000
47nF
±20%
50
500X15W473MV4E
4,000
100nF
±20%
25
250X15W104MV4E
4,000
180nF
±20%
10
100X15W184MV4E
4,000
1206
NPO/COG
1nF
±20%
100
101X18N102MV4E
3,000
X7R
10nF
±20%
100
101X18W103MV4E
3,000
15nF
±20%
100
101X18W153MV4E
3,000
22nF
±20%
100
101X18W223MV4E
3,000
47nF
±20%
100
101X18W473MV4E
3,000
100nF
±20%
100
101X18W104MV4E
3,000
220nF
±20%
16
160X18W224MV4E
3,000
330nF
±20%
16
160X18W334MV4E
3,000
470nF
±20%
10
100X18W474MV4E
3,000
1210
X7R
10nF
±20%
500
501X41W103MV4E
2,000
100nF
±20%
100
101X41W104MV4E
2,000
220nF
±20%
100
101X41W224MV4E
2,000
330nF
±20%
100
101X41W334MV4E
2,000
1000nF
±20%
16
160X41W105MV4E
2,000
1410
X7R
15nF
±20%
500
501X44W153MV4E
2,000
400nF
±20%
100
101X44W404MV4E
2,000
1812
X7R
39nF
±20%
500
501X43W393MV4E
1,000
470nF
±20%
100
101X43W474MV4E
1,000
Parts listed in the table are standard parts and carry the highest DC voltage rating for their size and value.
Legacy part number requirements for lower voltage codes are fulfilled with the higher voltage rating which exceeds the requirement.
Please contact the factory for part values or voltage combinations that are not shown.
X2Y® FILTER & DECOUPLING CAPACITORS
15191 Bledsoe Street
Sylmar, California 91342
Tel (818) 364-9800 • FAX (818) 364-6100
http://www.johansondielectrics.com
© 2010
Publication X2Y0210
Electronic Publication
JOHANSON HONG KONG LTD.
Unit E, 11/F., Phase 1, Kaiser Estate
41 Man Yue Street
Hunghom, Kowloon, Hong Kong
Tel: (852) 2334 6310 • Fax: (852) 2334 8858
JOHANSON EUROPE LTD.
Acorn House, Old Kiln Road
Flackwell Heath, Bucks HP10 9NR
United Kingdom
Tel +44-162-853-1154 • Fax +44-162-853-2703
Johanson Dielectrics, Inc. reserves the right to make design and price changes without notice. All sales are subject to the terms and
conditions printed on the back side of our sales order acknowledgment forms, including a limited warranty and remedies for non-
conforming goods or defective goods. We will be pleased to provide a copy of these terms and conditions for your review
.


Similar Part No. - 100X14X104MT4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
100X14X104MF4E JOHANSON-100X14X104MF4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
100X14X104MV4E JOHANSON-100X14X104MV4E Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
More results

Similar Description - 100X14X104MT4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
101X18W104MV4E JOHANSON-101X18W104MV4E Datasheet
1Mb / 4P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X18W223MV4E JOHANSON-101X18W223MV4E Datasheet
1Mb / 8P
   X2Y짰 FILTER & DECOUPLING CAPACITORS
101X14W102MV4T JOHANSON-101X14W102MV4T Datasheet
1Mb / 4P
   X2Y Filter & Decoupling Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TWK105BJ104MP-F TAIYO-YUDEN-TWK105BJ104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
PWK107C6106MV-T TAIYO-YUDEN-PWK107C6106MV-T Datasheet
451Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC??
EWK107B7474MV-T TAIYO-YUDEN-EWK107B7474MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK107BJ474MV-T TAIYO-YUDEN-EWK107BJ474MV-T Datasheet
433Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
EWK105C6104MP-F TAIYO-YUDEN-EWK105C6104MP-F Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107B7104MV-T TAIYO-YUDEN-TWK107B7104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
TWK107BJ104MV-T TAIYO-YUDEN-TWK107BJ104MV-T Datasheet
434Kb / 3P
   LW Reversal Decoupling Capacitors (LWDC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com