Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF3860TYDTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDPF3860TYDTU
Description  N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF3860TYDTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDPF3860TYDTU Datasheet HTML 1Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 2Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 3Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 4Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 5Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 6Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 7Page - Fairchild Semiconductor FDPF3860TYDTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2008 Fairchild Semiconductor Corporation
FDPF3860T Rev. C5
www.fairchildsemi.com
7
Mechanical Dimensions
Figure 16. TO220, Molded, 3-Lead, Full Pack, EIAJ SC91, Straight Lead
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TF220-003


Similar Part No. - FDPF3860TYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF3860T FAIRCHILD-FDPF3860T Datasheet
551Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 20A, 38.2m廓
logo
Inchange Semiconductor ...
FDPF3860T ISC-FDPF3860T Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF3860TYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com