Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924U013 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6924U013
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6924U013 Datasheet HTML 5Page - STMicroelectronics L6924U013 Datasheet HTML 6Page - STMicroelectronics L6924U013 Datasheet HTML 7Page - STMicroelectronics L6924U013 Datasheet HTML 8Page - STMicroelectronics L6924U013 Datasheet HTML 9Page - STMicroelectronics L6924U013 Datasheet HTML 10Page - STMicroelectronics L6924U013 Datasheet HTML 11Page - STMicroelectronics L6924U013 Datasheet HTML 12Page - STMicroelectronics L6924U013 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L6924U
Electrical characteristics
Doc ID 14716 Rev 2
9/37
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RDS(on)
Power MOSFET resistance
(3)
Charge current = 500 mA
280
380
m
Ω
TH
NTC pin hot threshold
voltage
10
12.5
15
%VREF
NTC pin cold threshold
voltage
40
50
60
%VREF
1.
TJ from -40 °C to 125 °C
2.
Guaranteed by design
3.
Device working in quasi pulse mode
Table 5.
Electrical characteristics (continued)


Similar Part No. - L6924U013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6924U013TR STMICROELECTRONICS-L6924U013TR Datasheet
600Kb / 38P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
More results

Similar Description - L6924U013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6924U STMICROELECTRONICS-L6924U Datasheet
600Kb / 38P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
L6924D STMICROELECTRONICS-L6924D_07 Datasheet
1Mb / 38P
   Battery charger system with integrated power switch for Li-ION/Li-POLYMER
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
   EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com