Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1414C Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1414C
Description  Bo챤te de jonction en acier doux de type 12
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1414C Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1414C Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1414C Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1414C Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Terminal Kit Assemblies
Temperature Controls
Swing Panel Kit
Overall Dimensions
Cover
Ship Wt.
Part No.
A
B
C
D
E
F
G
H
J
L
N
Dimensions
P
T
V
Y
Z
(lbs)
1414A ¹
4.00
4.00
3.00
-
-
-
4.75
2.00 2 .64 5.50
1.31
4.31
4.31
1.50 3.00
-
-
-
2
1414C¹
6.00
4.00
3.00
4.88
2.88 2.51 6.75
2.00
2.64
7.50
1.31
6.31
4.31
1.50 3.00 0.31 0.56 0.56
3
1414G
8.00
6.00
3.50
6.75
4.88 3.01 8.75
4.00
3.14
9.50
2.88
8.31
6.31
2.50 5.00 0.25 0.63 0.56
7
1414A 4¹
4.00
4.00
4.00
-
-
-
4.75
2.00
3.64
5.50
1.31
4.31
4.31
1.50 3.00
-
-
-
3
1414C4¹
6.00
4.00
4.00
4.88
2.88 3.51 6.75
2.00
3.64
7.50
1.31
6.31
4.31
1.50 3.00 0.31 0.56 0.56
4
1414E
6.00
6.00
4.00
4.88
4.88 3.51 6.75
4.00
3.64
7.50
2.88
6.31
6.31
2.50 5.00 0.31 0.56 0.56
5
1414I
10.00 8.00
4.00
8.75
6.88 3.51 10.75 6.00
3.64 11.50 4.00
10.31
8.31
1.00 7.00 0.25 0.63 0.56
10
1414K
12.00 10.00 5.00 10.75 8.88 4.51 12.75 8.00
4.64 13.50 6.00
12.31
10.31 1.00 9.00 0.25 0.63 0.56
13
1414M6
14.00 12.00 6.00 12.75 10.88 5.51 14.75 10.00 5.64 15.50 8.00
14.31
12.31 1.00 11.00 0.25 0.63 0.56
19
1414O6
16.00 14.00 6.00 14.75 12.88 5.51 16.75 12.00 5.64 17.50 10.00 16.31
14.31 1.00 13.00 0.25 0.63 0.56
23
1414M8
14.00 12.00 8.00 12.75 10.88 7.51 14.75 10.00 7.64 15.50 8.00
14.31
12.31 1.00 11.00 0.25 0.63 0.56
20
1414O10 16.00 14.00 10.00 14.75 12.88 9.51 16.75 12.00 9.64 17.50 10.00 16.31
14.31 1.00 13.00 0.25 0.63 0.56
25
¹ Does not meet JIC requirements
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1414C

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1414C HAMMOND-1414C Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
1414C HAMMOND-1414C Datasheet
177Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1414C4 HAMMOND-1414C4 Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
1414C4 HAMMOND-1414C4 Datasheet
169Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - 1414C

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1414SC HAMMOND-1414SC Datasheet
132Kb / 3P
   Bo챤te de jonction en acier doux de type 12
1414N4PH HAMMOND-1414N4PH Datasheet
144Kb / 3P
   Bo챤te de jonction en acier doux de type 4
1414N4 HAMMOND-1414N4 Datasheet
206Kb / 3P
   Bo챤te de jonction en acier doux de type 4
HJH HAMMOND-HJH Datasheet
194Kb / 3P
   Bo챤te de jonction en acier doux de types 4 et 12
1414N4PHSS HAMMOND-1414N4PHSS Datasheet
208Kb / 3P
   Bo챤te de jonction en acier inoxydable de type 4X
1414N4SS HAMMOND-1414N4SS Datasheet
178Kb / 3P
   Bo챤te de jonction en acier inoxydable de type 4X
PCJ-HSC HAMMOND-PCJ-HSC Datasheet
182Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ-SL HAMMOND-PCJ-SL Datasheet
159Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
PCJ-NSL HAMMOND-PCJ-NSL Datasheet
159Kb / 3P
   Bo챤te de jonction en polycarbonate de type 4X
1414N4AL HAMMOND-1414N4AL Datasheet
176Kb / 3P
   Bo챤te de jonction en aluminium de type 4X
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com