Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1585T16C1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1585T16C1
Description  Anodized Aluminum Extrusion
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1585T16C1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1585T16C1 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM SIDE
SECTION A-A
(VIEW FROM FRONT)
ASSEMBLY - VIEW FROM END
ISOMETRIC VIEW
Accessories Inc luded
Mounting Brack et Kit with Hardware
1585T16D1 - 15' Foot Twis t Power Cord (NEMA L5-15P)
1585T16C1
Finish - Case - Anodized Aluminum Extrusion
Rated - 125 VAC, 60 Hz, 15 Amps
Ends - ABS Plastic
Approvals - CSA Certified Standards C22.2 (No. 21-95, 42-99)
- UL Listed Standard UL1363
1585T16C1 - 6' Foot Twist Power Cord (NEMA L5-15P)
Cord Length
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
A
.
.
1585T16C1
PILOT SWITCH
RESETABLE
CIRCUIT
BREAKER
6' FOOT TWIST
POWER CORD
(NEMA L5-15P)
265.62 mm
[10.458 in]
57.15 mm
[2.250 in]
TYP
27.05 mm
[1.065 in]
TYP
1224.28 mm
[48.200 in]
41.05 mm
[1.616 in]
29.18 mm
[1.149 in]
5.08 mm
[0.200 in]
1231.19 mm
[48.472 in]


Similar Part No. - 1585T16C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1585T16C1 HAMMOND-1585T16C1 Datasheet
122Kb / 4P
   Barres d alimentation de 15 A pour montage vertical sur bati
More results

Similar Description - 1585T16C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1585H8C1 HAMMOND-1585H8C1 Datasheet
191Kb / 1P
   Anodized Aluminum Extrusion
1587T24A1 HAMMOND-1587T24A1 Datasheet
185Kb / 1P
   Anodized Aluminum Extrusion
1587T10A1 HAMMOND-1587T10A1 Datasheet
156Kb / 1P
   Anodized Aluminum Extrusion
1587H19C1 HAMMOND-1587H19C1 Datasheet
188Kb / 1P
   Anodized Aluminum Extrusion
1587H10A1 HAMMOND-1587H10A1 Datasheet
158Kb / 1P
   Anodized Aluminum Extrusion
1586T10C1 HAMMOND-1586T10C1 Datasheet
178Kb / 1P
   Anodized Aluminum Extrusion
1586T10A1 HAMMOND-1586T10A1 Datasheet
169Kb / 1P
   Anodized Aluminum Extrusion
1585T16A1 HAMMOND-1585T16A1 Datasheet
194Kb / 1P
   Anodized Aluminum Extrusion
1585T15C1 HAMMOND-1585T15C1 Datasheet
207Kb / 1P
   Anodized Aluminum Extrusion
1585T8A1 HAMMOND-1585T8A1 Datasheet
173Kb / 1P
   Anodized Aluminum Extrusion
1585T10A1 HAMMOND-1585T10A1 Datasheet
178Kb / 1P
   Anodized Aluminum Extrusion
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com