Electronic Components Datasheet Search |
|
1500-XC6DT2-STANDBY Datasheet(PDF) 4 Page - MTU Onsite Energy Corporation |
|
1500-XC6DT2-STANDBY Datasheet(HTML) 4 Page - MTU Onsite Energy Corporation |
4 / 4 page 4 /// / 1500-XC6DT2 EMISSIONS DATA NOx + NMHC CO PM 5.35 0.5 0.05 All units are in g/hp-hr and at 100% load. Emission levels of the engine may vary as a function of ambient temperature, barometric pressure, humidity, fuel type and quality, installation parameters, measuring instrumentation, etc. The data provided are laboratory results from one engine representing this rating. The data was obtained under controlled environmental conditions with calibrated instrumentation traceable to the United States National Bureau of Standards and in compliance with US EPA regulations found within 40 CFR Part 89. The weighted cycle value (not shown) from each engine is guaranteed to be below the US EPA Standards at the US EPA defined conditions. RATING DEFINITIONS AND CONDITIONS // Standby ratings apply to installations served by a reliable utility source. The standby rating is applicable to varying loads for the duration of a power outage. No overload capability for this rating. Ratings are in accordance with ISO 8528-1, ISO 3046-1, BS 5514, AS 2789, and DIN 6271. // Deration Factor: Altitude: Consult your local MTU Onsite Energy Power Generation Distributor for altitude derations. Temperature: Consult your local MTU Onsite Energy Power Generation Distributor for temperature derations. WEIGHTS AND DIMENSIONS SOUND DATA Unit Type Standby Full Load Level 0: Open Power Unit dB(A) 92.2 System Dimensions (L x W x H) Weight (less tank) OPU 6,170 x 2,260 x 2,900 mm (242.88 x 89 x 114.25 in) 14,207 kg (31,322 lb) Drawing above for illustration purposes only, based on standard open power 480 volt generator set. Lengths may vary with other voltages. Do not use for installation design. See website for unit specific template drawings. Materials and specifications subject to change without notice. C/F = Consult Factory/MTU Onsite Energy Distributor Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set. Sound data is provided at 7 m (23 ft). Generator set tested in accordance with ISO 8528-10 and with infinite exhaust. MTU Onsite Energy A Rolls-Royce Power Systems Brand www.mtuonsiteenergy.com |
Similar Part No. - 1500-XC6DT2-STANDBY |
|
Similar Description - 1500-XC6DT2-STANDBY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |