Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6609TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF6609TRPBF
Description  DirectFETPower MOSFET 
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6609TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF6609TRPBF Datasheet HTML 3Page - International Rectifier IRF6609TRPBF Datasheet HTML 4Page - International Rectifier IRF6609TRPBF Datasheet HTML 5Page - International Rectifier IRF6609TRPBF Datasheet HTML 6Page - International Rectifier IRF6609TRPBF Datasheet HTML 7Page - International Rectifier IRF6609TRPBF Datasheet HTML 8Page - International Rectifier IRF6609TRPBF Datasheet HTML 9Page - International Rectifier IRF6609TRPBF Datasheet HTML 10Page - International Rectifier IRF6609TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRF6609PbF
www.irf.com
7
Fig 17a. Switching Time Test Circuit
Fig 17b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 16a. Gate Charge Test Circuit
Fig 16b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 15. Maximum Avalanche Energy
Vs. Drain Current
Fig 14. On-Resistance Vs. Gate Voltage
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
ID
TOP
11A
14A
BOTTOM
25A
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0
2
4
6
8
10
TJ = 25°C
TJ = 125°C
ID = 31A
1K
VCC
DUT
0
L


Similar Part No. - IRF6609TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6609TR1 IRF-IRF6609TR1 Datasheet
264Kb / 11P
   Low Conduction Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com