Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6614PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6614PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6614PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6614PBF Datasheet HTML 1Page - International Rectifier IRF6614PBF Datasheet HTML 2Page - International Rectifier IRF6614PBF Datasheet HTML 3Page - International Rectifier IRF6614PBF Datasheet HTML 4Page - International Rectifier IRF6614PBF Datasheet HTML 5Page - International Rectifier IRF6614PBF Datasheet HTML 6Page - International Rectifier IRF6614PBF Datasheet HTML 7Page - International Rectifier IRF6614PBF Datasheet HTML 8Page - International Rectifier IRF6614PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6614PbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance Vs.
Drain Current and Gate Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
2.3V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
BOTTOM
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 150°C
2.3V
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
BOTTOM
2.3V
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60µs PULSE WIDTH
TJ = 150°C
TJ = 25°C
TJ = -40°C
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 12.7A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
0
1000
2000
3000
4000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
20
40
60
80
ID, Drain Current (A)
5
10
15
20
25
30
TA= 25°C
VGS = 3.0V
VGS = 3.5V
VGS = 4.0V
VGS = 4.5V
VGS = 5.0V
VGS = 10V


Similar Part No. - IRF6614PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6614PBF IRF-IRF6614PBF Datasheet
275Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6614PBF IRF-IRF6614PBF_15 Datasheet
275Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com