Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6620PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6620PBF
Description  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6620PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6620PBF Datasheet HTML 1Page - International Rectifier IRF6620PBF Datasheet HTML 2Page - International Rectifier IRF6620PBF Datasheet HTML 3Page - International Rectifier IRF6620PBF Datasheet HTML 4Page - International Rectifier IRF6620PBF Datasheet HTML 5Page - International Rectifier IRF6620PBF Datasheet HTML 6Page - International Rectifier IRF6620PBF Datasheet HTML 7Page - International Rectifier IRF6620PBF Datasheet HTML 8Page - International Rectifier IRF6620PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6620PbF
www.irf.com
5
Fig 13c. Maximum Avalanche Energy Vs. Drain Current
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 13b. Unclamped Inductive Waveforms
Fig 13a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 12. On-Resistance Vs. Gate Voltage
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
ID
TOP
7.2A
8.4A
BOTTOM
22A
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
TJ = 25°C
TJ = 125°C
ID = 27A
1K
VCC
DUT
0
L


Similar Part No. - IRF6620PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6620PBF IRF-IRF6620PBF_15 Datasheet
239Kb / 9P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com