Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6633PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6633PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6633PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6633PBF Datasheet HTML 1Page - International Rectifier IRF6633PBF Datasheet HTML 2Page - International Rectifier IRF6633PBF Datasheet HTML 3Page - International Rectifier IRF6633PBF Datasheet HTML 4Page - International Rectifier IRF6633PBF Datasheet HTML 5Page - International Rectifier IRF6633PBF Datasheet HTML 6Page - International Rectifier IRF6633PBF Datasheet HTML 7Page - International Rectifier IRF6633PBF Datasheet HTML 8Page - International Rectifier IRF6633PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6633PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy Vs. Drain Current
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
VGS = 0V
TJ = 150°C
TJ = 25°C
TJ = -40°C
-75
-50
-25
0
25
50
75
100 125 150
TJ , Junction Temperature ( °C )
1.0
1.5
2.0
2.5
ID = 250µA
0.1
1.0
10.0
100.0
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
I D
TOP
5.7A
8.7A
BOTTOM
13A


Similar Part No. - IRF6633PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com