Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6636PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF6636PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6636PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF6636PBF Datasheet HTML 2Page - International Rectifier IRF6636PBF Datasheet HTML 3Page - International Rectifier IRF6636PBF Datasheet HTML 4Page - International Rectifier IRF6636PBF Datasheet HTML 5Page - International Rectifier IRF6636PBF Datasheet HTML 6Page - International Rectifier IRF6636PBF Datasheet HTML 7Page - International Rectifier IRF6636PBF Datasheet HTML 8Page - International Rectifier IRF6636PBF Datasheet HTML 9Page - International Rectifier IRF6636PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6636PbF
www.irf.com
9
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/06
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6636TRPBF). For 1000 parts on 7"
reel, order IRF6636TR1PBF
CODE
A
B
C
D
E
F
G
H
MAX
0.319
0.161
0.484
0.219
0.165
0.205
N.C
0.063
MIN
0.311
0.154
0.469
0.215
0.158
0.197
0.059
0.059
MAX
8.10
4.10
12.30
5.55
4.20
5.20
N.C
1.60
DIMENSIONS
METRIC
IMPERIAL
Loaded Tape Feed Direction
MIN
7.90
3.90
11.90
5.45
4.00
5.00
1.50
1.50


Similar Part No. - IRF6636PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6636PBF IRF-IRF6636PBF Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com