Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6637PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6637PBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6637PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6637PBF Datasheet HTML 1Page - International Rectifier IRF6637PBF Datasheet HTML 2Page - International Rectifier IRF6637PBF Datasheet HTML 3Page - International Rectifier IRF6637PBF Datasheet HTML 4Page - International Rectifier IRF6637PBF Datasheet HTML 5Page - International Rectifier IRF6637PBF Datasheet HTML 6Page - International Rectifier IRF6637PBF Datasheet HTML 7Page - International Rectifier IRF6637PBF Datasheet HTML 8Page - International Rectifier IRF6637PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF6637PbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient ƒ
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple incontact with top (Drain) of part.
ˆ Used double sided cooling, mounting pad with large heatsink.
Notes:
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
board (still air).
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
0.6676
0.000066
1.0462
0.000896
1.5611
0.004386
29.282
0.68618
25.455
32
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
τ
5
τ
5
R
5
R
5
‰ Mounted to a PCB with
small clip heatsink (still air)
‰ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
τA
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
el
–––
55
RθJA
Junction-to-Ambient
jl
12.5
–––
RθJA
Junction-to-Ambient
kl
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
3.0
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
1.5
0.018
270
-40 to + 150
Max.
42
2.3


Similar Part No. - IRF6637PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6637PBF IRF-IRF6637PBF Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com