Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6691TRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6691TRPBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6691TRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6691TRPBF Datasheet HTML 1Page - International Rectifier IRF6691TRPBF Datasheet HTML 2Page - International Rectifier IRF6691TRPBF Datasheet HTML 3Page - International Rectifier IRF6691TRPBF Datasheet HTML 4Page - International Rectifier IRF6691TRPBF Datasheet HTML 5Page - International Rectifier IRF6691TRPBF Datasheet HTML 6Page - International Rectifier IRF6691TRPBF Datasheet HTML 7Page - International Rectifier IRF6691TRPBF Datasheet HTML 8Page - International Rectifier IRF6691TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF6691PbF
www.irf.com
3
PROVISIONAL
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
‰ Used double sided cooling , mounting pad.
Š Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
‹ Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
(still air).
‰ Mounted to a PCB with
small clip heatsink (still air)
Š Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
A bsolute M axim um R atings
PD @TA = 25°C
P ower Dissipation
e
PD @TA = 70°C
P ower Dissipation
e
W
PD @TC = 25°C
P ower Dissipation
f
TP
P eak S oldering Tem perature
°C
TJ
O perating Junction and
TSTG
S torage Tem perature Range
Therm al R esistance
Param eter
Typ.
M ax.
U nits
RθJA
Junction-to-Am bient
em
–––
45
RθJA
Junction-to-Am bient
km
12.5
–––
RθJA
Junction-to-Am bient
lm
20
–––
°C/W
RθJC
Junction-to-Case
fm
–––
1.4
RθJ-PCB
Junction-to-PCB M ounted
1.0
–––
Linear Derating Factor
e
W/°C
0.022
-40 to + 150
2.8
270
1.8
89
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τ
A
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.678
0.000860
17.30
0.577560
17.57
8.940000
9.470
106.0000


Similar Part No. - IRF6691TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6691TRPBF IRF-IRF6691TRPBF Datasheet
642Kb / 10P
   RoHs Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com