Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8113GPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF8113GPBF
Description  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8113GPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF8113GPBF Datasheet HTML 2Page - International Rectifier IRF8113GPBF Datasheet HTML 3Page - International Rectifier IRF8113GPBF Datasheet HTML 4Page - International Rectifier IRF8113GPBF Datasheet HTML 5Page - International Rectifier IRF8113GPBF Datasheet HTML 6Page - International Rectifier IRF8113GPBF Datasheet HTML 7Page - International Rectifier IRF8113GPBF Datasheet HTML 8Page - International Rectifier IRF8113GPBF Datasheet HTML 9Page - International Rectifier IRF8113GPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF8113GPbF
6
www.irf.com
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
I D
TOP
7.3A
8.2A
BOTTOM 13.3A
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-


Similar Part No. - IRF8113GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8113 IRF-IRF8113 Datasheet
207Kb / 10P
   Power MOSFET
IRF8113 IRF-IRF8113 Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
IRF8113 IRF-IRF8113 Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8113PBF IRF-IRF8113PBF Datasheet
218Kb / 10P
   HEXFET짰Power MOSFET
IRF8113PBF IRF-IRF8113PBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com