Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4731 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4731
Description  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4731 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4731 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4731 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Description
These devices are very low power consumption, high
gain single and dual channel optocouplers. The
HCPL-4701 represents the single channel 8-Pin DIP
configuration and is pin compatible with the industry
standard 6N139. The HCPL-4731 represents the dual
channel 8-Pin DIP configuration and is pin
compatible with the popular standard HCPL-2731.
The HCPL-070A and HCPL-073A are the equivalent
single and dual channel products in an SO-8 footprint.
Each channel can be driven with an input current as
low as 40
µA and has a typical current transfer ratio of
3500%.
These high gain couplers use an AlGaAs LED and an
integrated high gain photodetector to provide an
extremely high current transfer ratio between input
and output. Separate pins for the photodiode and
output stage results in TTL compatible saturation
voltages and high speed operation. Where desired, the
VCC and VO terminals may be tied together to achieve
conventional Darlington operation (single channel
package only).
These devices are designed for use in CMOS, LSTTL
or other low power applications. They are especially
well suited for ISDN telephone interface and battery
operated applications due to the low power
consumption. A 700% minimum current transfer ratio
is guaranteed from 0
°C to 70°C operating temperature
range at 40
µA of LED current and V
CC ≥ 3V.
The SO-8 does not require “through holes” in a PCB.
This package occupies approximately one-third the
footprint area of the standard dual-in-line package.
The lead profile is designed to be compatible with
standard surface mount processes.
Selection Guide
Widebody
8-Pin DIP
Package
Hermetic
(300 Mil)
Small Outline SO-8
(400 mil)
Single and
Dual
Single
Dual
Minimum
Absolute
Dual
Single
Channel
Channel
Channel
Single
Input ON
Maxi-
Channel
Channel
Package
Package
Package
Channel
Current
Minimum
mum
Packages
Package
HCPL-
HCPL-
HCPL-
Package
(IF)
CTR
VCC
HCPL-
6N139[1]
2731[1]
0701[1]
0731[1]
HCNW139[1]
0.5 mA
400%
18 V
6N138[1]
2730[1]
0700[1]
0730[1]
HCNW138[1]
1.6 mA
300%
7 V
HCPL-4701
4731
070A
0730A
40
µA
800%
18 V
0.5 mA
300%
20 V
5701[1]
5700[1]
5731[1]
5730[1]
Notes:
1. Technical data are on separate Avago publication.


Similar Part No. - HCPL-4731

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4731 HP-HCPL-4731 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-4731 HP-HCPL-4731 Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4731 AVAGO-HCPL-4731 Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-4731 BOARDCOM-HCPL-4731 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - HCPL-4731

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com