Electronic Components Datasheet Search |
|
AFL27003R3SXHB Datasheet(PDF) 2 Page - International Rectifier |
|
AFL27003R3SXHB Datasheet(HTML) 2 Page - International Rectifier |
2 / 9 page 2 www.irf.com AFL5003R3S Specifications Electrical Performance Characteristics -55°C < T CASE < +125°C, 30V< VIN < 80V unless otherwise specified. For Notes to Specifications, refer to page 3 Input voltage -0.5V to +50VDC Soldering temperature 300°C for 10 seconds Operating case temperature -55°C to +125°C Storage case temperature -65°C to +135°C Absolute Maximum Ratings Parameter Group A Subgroups Test Conditions Min Nom Max Unit INPUT VOLTAGE Note 6 30 50 80 V OUTPUT VOLTAGE 1 2, 3 VIN = 50 Volts, 100% Load 3.27 3.23 3.30 3.33 3.37 V OUTPUT CURRENT VIN = 30, 50, 80 Volts,, Note 6 20 A OUTPUT POWER Note 6 66 W MAXIMUM CAPACITIVE LOAD 4 Note 1 10,000 µF OUTPUT VOLTAGE TEMPERATURE COEFFICIENT VIN = 50 Volts, 100% Load Note 1, 6 -0.015 +0.015 %/°C OUTPUT VOLTAGE REGULATION Line Load 1, 2, 3 1, 2, 3 No Load, 50% Load, 100% Load VIN = 30, 50, 80 Volts, -20 -35 +20 +35 mV OUTPUT RIPPLE VOLTAGE 1, 2, 3 VIN = 30, 50, 80 Volts,, 100% Load, BW = 10MHz 30 mVpp INPUT CURRENT No Load Inhibit 1 Inhibit 2 1 2, 3 1, 2, 3 1, 2, 3 VIN = 50 Volts, IOUT = 0 Pin 4 Shorted to Pin 2 Pin 12 Shorted to Pin 8 80 100 5.00 50 mA INPUT RIPPLE CURRENT 1, 2, 3 VIN = 50 Volts, 100% Load B.W. = 10MHz 60 mApp CURRENT LIMIT POINT Expressed as a Percentage of Full Rated Load 1 2 3 VOUT = 90% VNOM Note 5 115 105 125 125 115 140 % LOAD FAULT POWER DISSIPATION Overload or Short Circuit 1, 2, 3 VIN = 50 Volts, 33 W EFFICIENCY 1, 2, 3 VIN = 50 Volts, 100% Load 72 74 % SWITCHING FREQUENCY 1, 2, 3 500 550 600 KHz ISOLATION 1 Input to Output or Any Pin to Case (except Pin 3). Test @ 500VDC 100 M Ω MTBF MIL-HDBK-217F, AIF @ TC = 40°C 300 KHrs |
Similar Part No. - AFL27003R3SXHB |
|
Similar Description - AFL27003R3SXHB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |