Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27012DYES Datasheet(PDF) 11 Page - International Rectifier

Part # AFL27012DYES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27012DYES Datasheet(HTML) 11 Page - International Rectifier

Back Button AFL27012DYES Datasheet HTML 7Page - International Rectifier AFL27012DYES Datasheet HTML 8Page - International Rectifier AFL27012DYES Datasheet HTML 9Page - International Rectifier AFL27012DYES Datasheet HTML 10Page - International Rectifier AFL27012DYES Datasheet HTML 11Page - International Rectifier AFL27012DYES Datasheet HTML 12Page - International Rectifier AFL27012DYES Datasheet HTML 13Page - International Rectifier AFL27012DYES Datasheet HTML 14Page - International Rectifier AFL27012DYES Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
AFL270XXS Series
Typical Performance Characteristics - AFL27005S
Output Load = 100%, Vin = 270VDC unless otherwise specified.
Fig.18 Turn-on Time, No Load
Fig.22 Output Load Transient Response
50% Load to/from 100% Load
-1
0
1
2
3
4
5
6
70
75
80
85
90
95
100
Time from Application of Input Power ( msec )
-1
0
1
2
3
4
5
6
70
75
80
85
90
95
100
Time from Application of Input Power ( msec )
Fig.19 Turn-on Time, Full Load
-8
-4
0
4
8
02
468
10
Time ( usec )
-40
-20
0
20
40
0
2468
10
Time ( usec )
Fig.20 Output Ripple Voltage
Fig.21 Input Ripple Current
-400
-200
0
200
400
0
200
400
600
800
1000
Time ( usec )
-400
-200
0
200
400
0
200
400
600
800
1000
Time ( usec )
Fig.23 Output Load Transient Response
10% Load to/from 50% Load


Similar Part No. - AFL27012DYES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27012DYES IRF-AFL27012DYES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27012DYES IRF-AFL27012DYES Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27012DYES IRF-AFL27012DYES Datasheet
229Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27012DYES IRF-AFL27012DYES Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27012DYES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com