Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27005DZES Datasheet(PDF) 1 Page - International Rectifier

Part # AFL27005DZES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27005DZES Datasheet(HTML) 1 Page - International Rectifier

  AFL27005DZES Datasheet HTML 1Page - International Rectifier AFL27005DZES Datasheet HTML 2Page - International Rectifier AFL27005DZES Datasheet HTML 3Page - International Rectifier AFL27005DZES Datasheet HTML 4Page - International Rectifier AFL27005DZES Datasheet HTML 5Page - International Rectifier AFL27005DZES Datasheet HTML 6Page - International Rectifier AFL27005DZES Datasheet HTML 7Page - International Rectifier AFL27005DZES Datasheet HTML 8Page - International Rectifier AFL27005DZES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
12/18/06
www.irf.com
1
AFL270XXD SERIES
The AFL Series of DC/DC converters feature high power
density with no derating over the full military temperature
range. This series is offered as part of a complete family
of converters providing single and dual output voltages
and operating from nominal +28V or +270V inputs with
output power ranging from 80W to 120W. For applications
requiring higher output power, individual converters can
be operated in parallel. The internal current sharing
circuits assure equal current distribution among the
paralleled converters. This series incorporates International
Rectifier’s proprietary magnetic pulse feedback
technology providing optimum dynamic line and load
regulation response. This feedback system samples the
output voltage at the pulse width modulator fixed clock
frequency, nominally 550KHz. Multiple converters can
be synchronized to a system clock in the 500KHz to
700KHz range or to the synchronization output of one
converter. Undervoltage lockout, primary and secondary
referenced inhibit, soft-start and load fault protection are
provided on all models.
Description
n 160V To 400V Input Range
n ±5V, ±12V, and ±15V Outputs Available
n High Power Density - up to 70W/in3
n Up To 100W Output Power
n Parallel Operation with Power Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feedthru Copper Core Pins
n High Efficiency - to 87%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Output Voltage Trim
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 60dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Single Output Versions Available
n Standard Microcircuit Drawings Available
Features
AFL
270V Input, Dual Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated with International Rectifier’s
rugged ceramic lead-to-package seal assuring long
term hermeticity in the most harsh environments.
PD - 94461C


Similar Part No. - AFL27005DZES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27005DZES IRF-AFL27005DZES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005DZES IRF-AFL27005DZES Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005DZES IRF-AFL27005DZES Datasheet
229Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005DZES IRF-AFL27005DZES Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27005DZES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com