Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL5015DYES Datasheet(PDF) 8 Page - International Rectifier

Part # AFL5015DYES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5015DYES Datasheet(HTML) 8 Page - International Rectifier

Back Button AFL5015DYES Datasheet HTML 4Page - International Rectifier AFL5015DYES Datasheet HTML 5Page - International Rectifier AFL5015DYES Datasheet HTML 6Page - International Rectifier AFL5015DYES Datasheet HTML 7Page - International Rectifier AFL5015DYES Datasheet HTML 8Page - International Rectifier AFL5015DYES Datasheet HTML 9Page - International Rectifier AFL5015DYES Datasheet HTML 10Page - International Rectifier AFL5015DYES Datasheet HTML 11Page - International Rectifier AFL5015DYES Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.irf.com
AFL270XXS Series
The AFL270XXS series converters incorporate a single
stage LC input filter whose elements dominate the input
load impedance characteristic during the turn-on sequence.
The input circuit is as shown in Figure 4.
Figure 4. Input Filter Circuit
8.4µH
Pin 1
Pin 2
0.54µfd
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 150V
± 5.0V. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a
hysteresis of approximately 10V is incorporated in this circuit.
Thus if the input voltage droops to 140V
± 5.0V, the converter
will shut down and remain inoperative until the input voltage
returns to
≈ 150V.
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage over a
limited range. The adjustments made possible by this method
are intended as a means to “trim” the output to a voltage
setting for some particular application, but are not intended
to create an adjustable output converter. These output
voltage setting variations are obtained by connecting an
appropriate resistor value between the +sense and -sense
pins while connecting the -sense pin to the output return pin
as shown in Figure 5. below. The range of adjustment and
corresponding range of resistance values can be
determined by use of the equation presented below.
R
= 100
-
-.025
adj
NOM
OUT
NOM
V
VV
Where V
NOM = device nominal output voltage, and
V
OUT = desired output voltage
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solving
for the corresponding resistor value.
Figure 5. Connection for V
OUT Adjustment
Enable 2
Share
+ Sense
- Sense
Return
+ V
out
To Load
R
ADJ
AFL270xxS
Caution: Do not set R
adj < 500Ω
Attempts to adjust the output voltage to a value greater than
120% of nominal should be avoided because of the potential
of exceeding internal component stress ratings and
subsequent operation to failure. Under no circumstance
should the external setting resistor be made less than 500
Ω.
By remaining within this specified range of values, completely
safe operation fully within normal component derating is
assured.
Examination of the equation relating output voltage and
resistor value reveals a special benefit of the circuit topology
utilized for remote sensing of output voltage in the
AFL270XXS series of converters. It is apparent that as the
resistance increases, the output voltage approaches the
nominal set value of the device. In fact the calculated limiting
value of output voltage as the adjusting resistor becomes
very large is
≅ 25mV above nominal device voltage.
The consequence is that if the +sense connection is
unintentionally broken, an AFL270XXS has a fail-safe output
voltage of Vout + 25mV, where the 25mV is independent of
the nominal output voltage. It can be further demonstrated
that in the event of both the + and - sense connections
being broken, the output will be limited to Vout + 440mV.
This 440mV is also essentially constant independent of the
nominal output voltage. While operation in this condition is
not damaging to the device, not all performance parameters
will be met.
Typical performance data is graphically presented on the following
pages for selected parameters on a variety of AFL270XXS type
converters. The data presented was selected as representative
of more critical parameters and for general interest in typical
converter applications.
Input Filter
Undervoltage Lockout
Output Voltage Adjust
Performance Data


Similar Part No. - AFL5015DYES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5015DYES IRF-AFL5015DYES Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5015DYES IRF-AFL5015DYES Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5015DYES IRF-AFL5015DYES Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5015DYES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com