Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMA2812DCH Datasheet(PDF) 2 Page - International Rectifier

Part # AMA2812DCH
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2812DCH Datasheet(HTML) 2 Page - International Rectifier

  AMA2812DCH Datasheet HTML 1Page - International Rectifier AMA2812DCH Datasheet HTML 2Page - International Rectifier AMA2812DCH Datasheet HTML 3Page - International Rectifier AMA2812DCH Datasheet HTML 4Page - International Rectifier AMA2812DCH Datasheet HTML 5Page - International Rectifier AMA2812DCH Datasheet HTML 6Page - International Rectifier AMA2812DCH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
AMA28XXS Series
Specifications
For Notes to Specifications, refer to page 4
Static Characteristics -55°C ≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
Input Voltage range
-0.5V to +50VDC (Continuous), Input Voltage range
+16V to +40VDC
80V (100ms)
Output Power
Less than or equal to 5W
Soldering temperature
300°C for 10 seconds
Operating case temperature -55°C to +125°C
Storage case temperature -65°C to +135°C
Recommended Operating Conditions
Absolute Maximum Ratings
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Input Voltage
16
28
40
V
Output Voltage
AMA2805S
AMA2812S
AMA2815S
AMA2805S
AMA2812S
AMA2815S
1
1
1
2, 3
2, 3
2, 3
Iout = 0
4.95
11.88
14.85
4.90
11.76
14.70
5.00
12.00
15.00
5.05
12.12
15.15
5.10
12.24
15.30
V
Output Current
1
AMA2805S
AMA2812S
AMA2815S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
1000
417
333
mA
Output Power
1
All Models
1, 2, 3
Vin = 28 Volts, 100% load
5.0
W
Output Ripple Voltage
2
AMA2805S
AMA2812S
AMA2815S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
100% Load
BW = 20 Hz to 2.0 MHz
200
200
200
mVPP
Output voltage
Regulation
Line
Load
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
Iout = 0, 50%, and 100% load
±10
±10
±50
±50
mV


Similar Part No. - AMA2812DCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMA2812DCH IRF-AMA2812DCH Datasheet
134Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2812DCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com