Electronic Components Datasheet Search |
|
AFL2815DYHB Datasheet(PDF) 2 Page - International Rectifier |
|
AFL2815DYHB Datasheet(HTML) 2 Page - International Rectifier |
2 / 11 page 2 www.irf.com AFL120XXD Series Specifications Static Characteristics -55°C < T CASE < +125°C, 80V< VIN < 160V unless otherwise specified. For Notes to Specifications, refer to page 4 Input voltage -0.5V to +180VDC Soldering temperature 300°C for 10 seconds Operating case temperature -55°C to +125°C Storage case temperature -65°C to +135°C Absolute Maximum Ratings Parameter Group A Subgroups Test Conditions Min Nom Max Unit INPUT VOLTAGE Note 6 80 120 160 V OUTPUT VOLTAGE AFL12005D AFL12012D AFL12015D AFL12005D AFL12012D AFL12015D 1 1 1 1 1 1 2, 3 2, 3 2, 3 2, 3 2, 3 2, 3 VIN = 120 Volts, 100% Load Positive Output Negative Output Positive Output Negative Output Positive Output Negative Output Positive Output Negative Output Positive Output Negative Output Positive Output Negative Output 4.95 -5.05 11.88 -12.12 14.85 -15.15 4.90 -5.10 11.76 -12.24 14.70 -15.30 5.00 -5.00 12.00 -12.00 15.00 -15.00 5.05 -4.95 12.12 -11.88 15.15 -14.85 5.10 -4.90 12.24 -11.76 15.30 -14.70 V OUTPUT CURRENT AFL12005D AFL12012D AFL12015D VIN = 80, 120, 160 Volts - Notes 6, 11 Either Output Either Output Either Output 12.8 6.4 5.3 A OUTPUT POWER AFL12005D AFL12012D AFL12015D Total of Both Outputs. Notes 6,11 80 96 100 W MAXIMUM CAPACITIVE LOAD Each Output Note 1 10,000 µF OUTPUT VOLTAGE TEMPERATURE COEFFICIENT VIN = 120 Volts, 100% Load - Notes 1, 6 -0.015 +0.015 %/°C OUTPUT VOLTAGE REGULATION Line Load Cross AFL12005D AFL12012D AFL12015D 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Note 10 No Load, 50% Load, 100% Load VIN = 80, 120, 160 Volts. VIN = 80, 120, 160 Volts. Note 12 Positive Output Negative Output Positive Output Negative Output Positive Output Negative Output -0.5 -1.0 -1.0 -8.0 -1.0 -5.0 -1.0 -5.0 +0.5 +1.0 +1.0 +8.0 +1.0 +5.0 +1.0 +5.0 % |
Similar Part No. - AFL2815DYHB |
|
Similar Description - AFL2815DYHB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |