Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARH2805R2DCK Datasheet(PDF) 5 Page - International Rectifier

Part # ARH2805R2DCK
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805R2DCK Datasheet(HTML) 5 Page - International Rectifier

  ARH2805R2DCK Datasheet HTML 1Page - International Rectifier ARH2805R2DCK Datasheet HTML 2Page - International Rectifier ARH2805R2DCK Datasheet HTML 3Page - International Rectifier ARH2805R2DCK Datasheet HTML 4Page - International Rectifier ARH2805R2DCK Datasheet HTML 5Page - International Rectifier ARH2805R2DCK Datasheet HTML 6Page - International Rectifier ARH2805R2DCK Datasheet HTML 7Page - International Rectifier ARH2805R2DCK Datasheet HTML 8Page - International Rectifier ARH2805R2DCK Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
ARH28XXS Series
28V Input, Single Output
Group A Tests V
IN = 28V, CL = 0 unless otherwise specified.
For Notes to Group A Tests, refer to page 6
Test
Symbol
Test Conditions
Group A
Subgroups
Limit
MIN
Limit
MAX
Units
Output voltage accuracy
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VOUT
IOUT = IMAX , Tc = 25°C
1
2.487
3.283
4.975
5.174
11.940
14.925
2.513
3.317
5.025
5.226
12.060
15.075
V
Output power Note 1
POUT
VIN = 18 V, 28V, 50 V
1, 2, 3
0
30
W
Output current Note 1
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
IOUT
VIN = 18 V, 28V, 50 V
1, 2, 3
0
0
0
0
0
0
12000
9090
6000
5770
2500
2000
mA
Output regulation Note 4
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VR
IOUT = 10%, 50%, 100% of IMAX
VIN = 18 V, 28V, 50 V
1, 2, 3
2.425
3.201
4.850
5.044
11.640
14.550
2.575
3.399
5.150
5.356
12.360
15.450
V
No Load Input Current
IIN
IOUT = 0, Pin 3 open
Pin 3 shorted to pin 2 (disabled)
1, 2, 3
1, 2, 3
100
8.0
mA
Output ripple Note 2
ARH2802R5S
ARH2803R3S
ARH2805S
ARH2805R2S
ARH2812S
ARH2815S
VRIP
VIN = 18 V, 28V, 50 V
IOUT = IMAX
1, 2, 3
30
30
40
40
50
50
mVP-P
Switching frequency
FS
Synchronization pin (pin 6) open
4, 5, 6
225
275
KHz
Input ripple Note 2
IRIP
VIN = 18 V, 28V, 50 V
IOUT = IMAX
1, 2, 3
100
mAP-P
Recovery from a short
circuit
Vr
Output shorted, then open into max rated
load current. Vin = 28 V
5.0
% of Rated
Output
Voltage
Overload Trip Current
Ovld
Maximum current at specified output
voltage
1, 2, 3
105
135
% of Max
Output
Current


Similar Part No. - ARH2805R2DCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2805R2S IRF-ARH2805R2S Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - ARH2805R2DCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3H280512T IRF-M3H280512T Datasheet
132Kb / 8P
   HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com