Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2805DYHB Datasheet(PDF) 10 Page - International Rectifier

Part # AFL2805DYHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2805DYHB Datasheet(HTML) 10 Page - International Rectifier

Back Button AFL2805DYHB Datasheet HTML 3Page - International Rectifier AFL2805DYHB Datasheet HTML 4Page - International Rectifier AFL2805DYHB Datasheet HTML 5Page - International Rectifier AFL2805DYHB Datasheet HTML 6Page - International Rectifier AFL2805DYHB Datasheet HTML 7Page - International Rectifier AFL2805DYHB Datasheet HTML 8Page - International Rectifier AFL2805DYHB Datasheet HTML 9Page - International Rectifier AFL2805DYHB Datasheet HTML 10Page - International Rectifier AFL2805DYHB Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com
AFL50XXD Series
Standard Microcircuit Drawing Equivalence Table
Pin Designation
Pin #
Designation
1
+ Input
2
Input Return
3
Case Ground
4
Enable 1
5
Sync Output
6
Sync Input
7
+ Output
8
Output Return
9
- Output
10
Output Voltage Trim
11
Share
12
Enable 2
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-02563
AFL5005D
5962-02564
AFL5012D
5962-02565
AFL5015D


Similar Part No. - AFL2805DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2805DYHB IRF-AFL2805DYHB Datasheet
458Kb / 16P
   270V Input, Single Output
AFL2805DYHB IRF-AFL2805DYHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2805DYHB IRF-AFL2805DYHB Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2805DYHB IRF-AFL2805DYHB Datasheet
229Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2805DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com