Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27012DYHB Datasheet(PDF) 4 Page - International Rectifier

Part # AFL27012DYHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27012DYHB Datasheet(HTML) 4 Page - International Rectifier

  AFL27012DYHB Datasheet HTML 1Page - International Rectifier AFL27012DYHB Datasheet HTML 2Page - International Rectifier AFL27012DYHB Datasheet HTML 3Page - International Rectifier AFL27012DYHB Datasheet HTML 4Page - International Rectifier AFL27012DYHB Datasheet HTML 5Page - International Rectifier AFL27012DYHB Datasheet HTML 6Page - International Rectifier AFL27012DYHB Datasheet HTML 7Page - International Rectifier AFL27012DYHB Datasheet HTML 8Page - International Rectifier AFL27012DYHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
AFL50XXD Series
Dynamic Characteristics -55°C < T
CASE < +125°C, VIN=50V unless otherwise specified.
Notes to Specifications:
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
LOAD TRANSIENT RESPONSE
AFL5005D
Amplitude
Either Output
Recovery
Amplitude
Recovery
AFL5012D
Amplitude
Either Output
Recovery
Amplitude
Recovery
AFL5015D
Amplitude
Either Output
Recovery
Amplitude
Recovery
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Note 2, 8
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
10%
⇒ 50%
50%
⇒ 10%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
10%
⇒ 50%
50%
⇒ 10%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
10%
⇒ 50%
50%
⇒ 10%
-450
-450
-750
-750
-750
-750
450
200
450
200
400
750
200
750
200
400
750
200
750
200
400
mV
µs
mV
µs
µs
mV
µs
mV
µs
µs
mV
µs
mV
µs
µs
LINE TRANSIENT RESPONSE
Amplitude
Recovery
Note 1, 2, 3
VIN Step = 30 ⇔ 80 Volts
-500
500
500
mV
µs
TURN-ON CHARACTERISTICS
Overshoot
Delay
4, 5, 6
4, 5, 6
Note 4
Enable 1, 2 on. (Pins 4, 12 high or
open)
50
75
250
120
mV
ms
LOAD FAULT RECOVERY
Same as Turn On Characteristics.
LINE REJECTION
MIL-STD-461D, CS101, 30Hz to 50KHz
Note 1
40
50
dB
1.
Parameters not 100% tested but are guaranteed to the limits specified in the table.
2.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
VOUT at 50% load.
3.
Line transient transition time
≥ 100µs.
4.
Turn-on delay is measured with an input voltage rise time of between 100V and 500V per millisecond.
5.
Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal.
6.
Parameter verified as part of another test.
7.
All electrical tests are performed with the remote sense leads connected to the output leads at the load.
8.
Load transient transition time
≥ 10µs.
9.
Enable inputs internally pulled high. Nominal open circuit voltage
≈ 4.0VDC.
10.
Load current split equally between +Vout and -Vout.
11.
Output load must be distributed so that a minimum of 20% of the total output power is being provided by
one of the outputs.
12.
Cross regulation measured with load on tested output at 20% while changing the load on other output from
20% to 80%.


Similar Part No. - AFL27012DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27012DYHB IRF-AFL27012DYHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27012DYHB IRF-AFL27012DYHB Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27012DYHB IRF-AFL27012DYHB Datasheet
229Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27012DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com