Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2815DYHB Datasheet(PDF) 5 Page - International Rectifier

Part # AFL2815DYHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2815DYHB Datasheet(HTML) 5 Page - International Rectifier

  AFL2815DYHB Datasheet HTML 1Page - International Rectifier AFL2815DYHB Datasheet HTML 2Page - International Rectifier AFL2815DYHB Datasheet HTML 3Page - International Rectifier AFL2815DYHB Datasheet HTML 4Page - International Rectifier AFL2815DYHB Datasheet HTML 5Page - International Rectifier AFL2815DYHB Datasheet HTML 6Page - International Rectifier AFL2815DYHB Datasheet HTML 7Page - International Rectifier AFL2815DYHB Datasheet HTML 8Page - International Rectifier AFL2815DYHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
AFL50XXD Series
Block Diagram
Figure I. Dual Output
Figure II. Enable Input Equivalent Circuit
Circuit Operation and Application Information
Inhibiting Converter Output (Enable)
As an alternative to application and removal of the DC volt-
age to the input, the user can control the converter output by
providing TTL compatible, positive logic signals to either of
two enable pins (pin 4 or 12). The distinction between these
two signal ports is that enable 1 (pin 4) is referenced to the
input return (pin 2) while enable 2 (pin 12) is referenced to the
output return (pin 8). Thus, the user has access to an inhibit
function on either side of the isolation barrier. Each port is
internally pulled “high” so that when not used, an open con-
nection on both enable pins permits normal converter opera-
tion. When their use is desired, a logical “low” on either port
will shut the converter down.
The AFL series of converters employ a forward switched
mode converter topology. (refer to Figure I.) Operation of the
device is initiated when a DC voltage whose magnitude is
within the specified input limits is applied between pins 1 and
2. If pins 4 and 12 are enabled (at a logical 1 or open) the
primary bias supply will begin generating a regulated house-
keeping voltage bringing the circuitry on the primary side of
the converter to life. Two power MOSFETs used to chop the
DC input voltage into a high frequency square wave, apply
this chopped voltage to the power transformer. As this switch-
ing is initiated, a voltage is impressed on a second winding of
the power transformer which is then rectified and applied to
the primary bias supply. When this occurs, the input voltage
is excluded from the bias voltage generator and the primary
bias voltage becomes internally generated.
The switched voltage impressed on the secondary output
transformer windings is rectified and filtered to provide the
positive and negative converter output voltages. An error
amplifier on the secondary side compares the positive out-
put voltage to a precision reference and generates an error
signal proportional to the difference. This error signal is mag-
netically coupled through the feedback transformer into
the control section of the converter varying the pulse width of
the square wave signal driving the MOSFETs, narrowing the
pulse width if the output voltage is too high and widening it if it
is too low. These pulse width variations provide the neces-
sary corrections to maintain the magnitude of output voltage
within its’ specified limits.
Because the primary and secondary sides are coupled by
magnetic elements, full isolation from input to output is
achieved.
Disable
100K
290K
180K
1N4148
2N3904
+5.6 V
Pin 4 or
Pin 12
Pin 2 or
Pin 8
Although incorporating several sophisticated and useful
ancillary features, basic operation of the AFL50XXD series
can be initiated by simply applying an input voltage to pins 1
and 2 and connecting the appropriate loads between pins 7,
8, and 9. Of course, operation of anyconverter with high
power density should not be attempted before secure at-
tachment to an appropriate heat dissipator. (See Thermal
Considerations, page 7)
ERROR
AMP
& REF
OUTPUT
FILTER
INPUT
FILTER
OUTPUT RETURN
+ INPUT
INPUT RETURN
FB
CONTROL
1
2
4
3
5
6
SYNC INPUT
CURRENT
SENSE
ENABLE 2
SHARE
SHARE
AMPLIFIER
7
11
10
9
12
8
+ OUTPUT
SYNC OUTPUT
ENABLE 1
CASE
PRIMARY
BIAS SUPPLY
- OUTPUT
OUTPUT
VOLTAGE TRIM
FILTER
OUTPUT


Similar Part No. - AFL2815DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2815DYHB IRF-AFL2815DYHB Datasheet
458Kb / 16P
   270V Input, Single Output
AFL2815DYHB IRF-AFL2815DYHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2815DYHB IRF-AFL2815DYHB Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2815DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com