Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL5015DYHB Datasheet(PDF) 8 Page - International Rectifier

Part # AFL5015DYHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5015DYHB Datasheet(HTML) 8 Page - International Rectifier

Back Button AFL5015DYHB Datasheet HTML 3Page - International Rectifier AFL5015DYHB Datasheet HTML 4Page - International Rectifier AFL5015DYHB Datasheet HTML 5Page - International Rectifier AFL5015DYHB Datasheet HTML 6Page - International Rectifier AFL5015DYHB Datasheet HTML 7Page - International Rectifier AFL5015DYHB Datasheet HTML 8Page - International Rectifier AFL5015DYHB Datasheet HTML 9Page - International Rectifier AFL5015DYHB Datasheet HTML 10Page - International Rectifier AFL5015DYHB Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.irf.com
AFL50XXD Series
Input Filter
Undervoltage Lockout
The AFL50XXD series converters incorporate a single stage
LC input filter whose elements dominate the input load
impedance characteristic during the turn-on. The input
circuit is as shown in Figure IV.
Figure IV. Input Filter Circuit
Output Voltage Adjust
By use of the trim pin (10), the magnitude of output voltages
can be adjusted over a limited range in either a positive or
negative direction. Connecting a resistor between the trim
pin and either the output return or the positive output will
raise or lower the magnitude of output voltage. The span of
output voltage magnitude is restricted to the limits shown in
Table I.
Figure V. Connection for V
OUT Adjustment
Connect Radj to + to increase, - to decrease.
Table I. Output Voltage Trim Values and Limits
AFL5005D
AFL5012D
AFL5015D
V
out
R
adj
V
out
R
adj
V
out
R
adj
5.5
0
12.5
0
15.5
0
5.4
12.5K
12.4
47.5K
15.4
62.5K
5.3
33.3K
12.3
127K
15.3
167K
5.2
75K
12.2
285K
15.2
375K
5.1
200K
12.1
760K
15.1
1.0M
5.0
12.0
15.0
4.9
190K
11.7
975K
14.6
1.2M
4.8
65K
11.3
288K
14.0
325K
4.7
23K
10.8
72.9K
13.5
117K
4.6
2.5K
10.6
29.9K
13.0
12.5K
4.583
0
10.417
0
12.917
0
Note that the nominal magnitude of output voltage resides in
the middle of the table and the corresponding resistor value
is set to
∞. To set the magnitude above nominal, the adjust
resistor is connected to output return. To set the magnitude
below nominal, the adjust resistor is connected to the positive
output. (Refer to Figure V.)
For output voltage settings that are within the limits, but
between those presented in Table I, it is suggested that the
resistor values be determined empirically by selection or by
use of a variable resistor. The value thus determined can
then be replaced with a good quality fixed resistor for
permanent installation.
When use of the trim feature is elected, the user should be
aware that the temperature performance of the converter
output voltage will be affected by the temperature
performance of the resistor selected as the adjustment
element and therefore, the user is advised to employ
resistors with an very small temperature coefficient of
resistance.
0.75µH
Pin 1
Pin 2
2.7µfd
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 26.5 ± 1.5V. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a
hysteresis of approximately 2.0V is incorporated in this
circuit. Thus if the input voltage droops to 24.5 ± 1.5V, the
converter will shut down and remain inoperative until the
input voltage returns to
≈ 25V.
Enable 2
Share
Trim
- Vout
Return
+ Vout
To
Loads
R
ADJ
AFL50xxD
7
12
+
-


Similar Part No. - AFL5015DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5015DYHB IRF-AFL5015DYHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5015DYHB IRF-AFL5015DYHB Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5015DYHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com