Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA423R409ES Datasheet(PDF) 5 Page - International Rectifier

Part # HMA423R409ES
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HMA423R409ES Datasheet(HTML) 5 Page - International Rectifier

  HMA423R409ES Datasheet HTML 1Page - International Rectifier HMA423R409ES Datasheet HTML 2Page - International Rectifier HMA423R409ES Datasheet HTML 3Page - International Rectifier HMA423R409ES Datasheet HTML 4Page - International Rectifier HMA423R409ES Datasheet HTML 5Page - International Rectifier HMA423R409ES Datasheet HTML 6Page - International Rectifier HMA423R409ES Datasheet HTML 7Page - International Rectifier HMA423R409ES Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
HMA423R409T/ES
Notes. Electrical Performance Characteristics
1)
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be
guaranteed to the limits specified.
2)
Parameter verified during line and load regulation tests.
3)
Although operation with no load is permissible, light loading on the main (+3.4V) output may cause the output
voltage of the auxiliary outputs (±9.2V) to drop out of regulation. It is therefore recommended that at least 450
mA or 10 percent of the total output power, whichever is greater, be taken from the main (+3.4V) output.
4)
Although operation with no load is permissible, heavy loading on the main (+3.4V) output may cause the output
voltage of the auxiliary outputs (±9.2V) to rise out of regulation. It is therefore recommended that at least 20
percent of the total output power, whichever is greater, be taken from the auxiliary (±9.2V) outputs.
5)
Unless otherwise specified, “Rated” load is 15.3W on the main (+3.4V) output, 21.16W on the +9.2V output and
10.58W on the -9.2V output. Load currents of up to 6.0A on the 3.4V output, 2.3A on the +9.2V and 1.15A on
the -9.2V output are acceptable as long as the total output power does not to exceed 50W.
6)
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth using the circuit shown
on next page.
7)
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s
overload protection, causing erratic behavior during turn-on.
8)
Overload power dissipation is defined as the device power dissipation with the load set such that V
OUT = 90% of
nominal.
9)
Load step transition time
≤ 10 µsec.
10) Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of its
steady state value.
11) The worst case loading condition is min load on the main (+3.4V) output and max load on the auxiliary (±9.2V)
outputs. In this case, the ±9.2V output can be drop down to 7.9V.
12) Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit
pin (pin 3) to the point where V
OUT = 90% of nominal.
13)
Load is varied for output under test while the remaining outputs are loaded at 50% of rated. Regulation relative
to output voltage at 50% rated load.


Similar Part No. - HMA423R409ES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HMA423R409T IRF-HMA423R409T Datasheet
155Kb / 8P
   HIGH RELIABILITY DC-DC CONVERTER
HMA423R409T IRF-HMA423R409T_15 Datasheet
155Kb / 8P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - HMA423R409ES

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com