Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTH27022EM Datasheet(PDF) 10 Page - International Rectifier

Part # HTH27022EM
Description  HIGH RELIABILITY DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTH27022EM Datasheet(HTML) 10 Page - International Rectifier

Back Button HTH27022EM Datasheet HTML 6Page - International Rectifier HTH27022EM Datasheet HTML 7Page - International Rectifier HTH27022EM Datasheet HTML 8Page - International Rectifier HTH27022EM Datasheet HTML 9Page - International Rectifier HTH27022EM Datasheet HTML 10Page - International Rectifier HTH27022EM Datasheet HTML 11Page - International Rectifier HTH27022EM Datasheet HTML 12Page - International Rectifier HTH27022EM Datasheet HTML 13Page - International Rectifier HTH27022EM Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.irf.com
HTH27022S
PRELIMINARY
Output Voltage Adjust - For Higher or Lower Output Voltage
In addition to permitting close voltage regulation of remotely located loads, the converter has a Vadj Pin allowing the users
to trim its output voltage up or down for their applications. The adjustment range is limited to +10% , -20% maximum. The
adjustments are intended as a means to “trim” the output to a voltage setting for certain design application, but are not
intended to create a variable output converter. an adjustable output converter. The output voltage is done by connecting
a resistor with an appropriate value between the Vadj Pin and either +Sense and or -Sense Pins while as shown in Fig. 9
below. The resistance value for a desired output voltage can be determined by formulae described below.
Fig 9: Connection for VOUT Adjustment
Voltage Trimming Procedure:
(1) Nominal Output Voltage with Vadj Pin (Pin 11) Open: 22V
(2) Trimming Up Output Voltage by installing a trimming resistor Radj (1/4W, 1%) between the Vadj Pin (Pin 11)
and -SENSE Pin (Pin 9):
Radj = [ 1950 / [10 * (Vout - 2.5) - 195 ] ] - 50; Radj in k
, Vout in Volts
Example: To trim Vout up to 24V
Radj = [ 1950 / [10 * (24 - 2.5) -195 ] ] - 50 = [ 1950 / 20 ] - 50 = 47.5 (k
)
Thus, Vout can be trimmed up to 24V by installing a 1/4W, 1%, 47.5k
resistor between the Vadj Pin (Pin 11)
and the -SENSE Pin (Pin 9).
(3) Trimming Down Output Voltage by installing a trimming resistor Radj (1/4W, 1%) between the Vadj Pin (Pin 11)
and +SENSE Pin (Pin 10)
Radj = [ 780 * (Vout - 2.5) ] / [ 195 - 10 * (Vout - 2.5 ) ] ; Radj in k
, Vout in Volts
Example: To trim Vout down to 20V
Radj = [ 780 * (20 - 2.5) ] / [ 195 - 10 * (20 - 2.5 ) ] = 13650 / 20 = 682.5 (k
)
Thus, Vout can be trimmed down to 20V by installing a 1/4W, 1% 682.5k
resistor between the Vadj Pin (Pin 11)
and the +SENSE Pin (Pin 10).


Similar Part No. - HTH27022EM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTH27022S IRF-HTH27022S Datasheet
667Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
HTH27022S IRF-HTH27022S_15 Datasheet
667Kb / 14P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - HTH27022EM

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-270-06S SYNQOR-MQFL-270-06S Datasheet
1Mb / 16P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-270-15S SYNQOR-MQFL-270-15S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQHL-28-05S SYNQOR-MQHL-28-05S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
   HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com