Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2000D5S Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # DS2000D5S
Description  DIESEL GENERATOR SET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

DS2000D5S Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  DS2000D5S Datasheet HTML 1Page - MTU Onsite Energy Corporation DS2000D5S Datasheet HTML 2Page - MTU Onsite Energy Corporation DS2000D5S Datasheet HTML 3Page - MTU Onsite Energy Corporation DS2000D5S Datasheet HTML 4Page - MTU Onsite Energy Corporation DS2000D5S Datasheet HTML 5Page - MTU Onsite Energy Corporation DS2000D5S Datasheet HTML 6Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 /// / DS02000D5S / 50 Hz / 380V - 11kV
//
Engine
■ 4-Cycle
■ Standard single stage air filter
■ Oil drain extension & shut-off valve
■ Closed crankcase ventilation
■ Governor-electronic isochronous
■ Common rail fuel injection
■ Fuel consumption optimized engine
■ Represents standard features
Represents optional features
STANDARD AND OPTIONAL FEATURES
//
System Ratings (kW/kVA)
Generator model
Voltage
Fuel consumption optimized 40°C/400m
without radiator
with mechanical radiator
with electr. driven radiator
kWel*
kVA**
AMPS
kWel*
kVA**
AMPS
kWel*
kVA*
AMPS
Marathon 744RSL7091
380 V
1560
1950
2963
1560
1950
2963
1520
1900
2887
(Low voltage
400 V
1600
2000
2887
1560
1950
2815
1560
1950
2815
marathon standard)
415 V
1600
2000
2782
1560
1950
2713
1560
1950
2713
Marathon 744RSL7092
380 V
1560
1950
2963
1560
1950
2693
1520
1900
2887
(Low voltage
400 V
1600
2000
2887
1560
1950
2815
1560
1950
2815
marathon oversized)
415 V
1600
2000
2782
1560
1950
2713
1560
1950
2713
Marathon 744RSL7092
380 V
1640
2050
3115
1600
2000
3039
1600
2000
3039
(Low voltage marathon
400 V
1640
2050
2959
1600
2000
2887
1584
1980
2858
De-rating optimized)
415 V
1640
2050
2852
1600
2000
2782
1600
2000
2782
Marathon 1020FDH7096
11 kV
1640
2050
108
1600
2000
105
1600
2000
105
(Medium volt. marathon)
* cos phi = 1,0
** cos phi = 0,8
//
Generator
■ NEMA MG1, BS5000, ISO, DIN EN and
IEC standards
■ Self-ventilated
■ Superior voltage waveform
■ Solid state, volts-per-Hertz regulator
■ No load to full load regulation
■ ±0,25% voltage regulation no load to
full load
■ Brushless alternator with brushless
pilot exciter
■ 4 pole, rotating field
■ Sustained short circuit current of up
to 250% of the rated current for up
to 10 seconds (marathon generator)
Sustained short circuit current of up
to 300% of the rated current for up to
10 seconds (Leroy Somer generator)
■ Marathon low voltage generator
Leroy Somer generator
(please contact your local MTU Onsite
Energy distribution partner for system
ratings)
Oversized generator
Medium voltage generator


Similar Part No. - DS2000D5S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
   Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
747Kb / 4P
   2000 Watts 12 V Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
761Kb / 4P
   2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS2000-3 ARTESYN-DS2000-3 Datasheet
838Kb / 4P
   2000 Watts 12 V Distributed Power System
logo
Emerson Network Power
DS2000-3-001 EMERSON-NETWORKPOWER-DS2000-3-001 Datasheet
761Kb / 4P
   2000 Watts 12 V Distributed Power System
More results

Similar Description - DS2000D5S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
ADG152DGB MTU-ADG152DGB Datasheet
429Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com