Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS400-6S Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # GS400-6S
Description  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS400-6S Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  GS400-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS400-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS400-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS400-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
///  /
GS400-6S
// 
Engine
Manufacturer
Doosan
Model
21.9L CAC
Type
4-Cycle
Arrangement
12-V
Displacement: L (in3)
21.9 (1,338)
Bore: cm (in)
12.8 (5.04)
Stroke: cm (in)
14.2 (5.59)
Compression Ratio
10.5:1
Rated RPM
1,800
Engine Governor
Bosch
Maximum Power (NG): kWm (bhp)
456 (612)
Maximum Power (LP): kWm (bhp)
351 (471)
Speed Regulation
±0.5%
Air Cleaner
Dry
// 
Liquid Capacity (Lubrication)
Total Oil System: L (gal)
47.1 (12.4)
Engine Jacket Water Capacity: L (gal)
52.3 (11.5)
System Coolant Capacity: L (gal)
291 (64)
// 
Electrical
Electric Volts DC
24
Cold Cranking Amps Under -17.8 °C (0 °F)
1,050
// 
Fuel Inlet
Fuel Supply Connection Size
3” NPT
Fuel Supply Pressure: mm H
20 (in. H20)
178–279 (7–11)
// 
Fuel Consumption (NG-1000 BTU/ft3 / LP-2500 BTU/ft3)
NG
LPG
At 100% of Power Rating: m3/hr (ft3/hr) 119.8 (4,230)
39.9 (1,407)
At 75% of Power Rating: m3/hr (ft3/hr)
93.4 (3,297)
34 (1,200)
At 50% of Power Rating: m3/hr (ft3/hr)
65.5 (2,314)
22.9 (808)
// 
Cooling - Radiator System
Ambient Capacity of Radiator: °C (°F)
50 (122)*
Maximum Restriction of Cooling Air, Intake,
and Discharge Side of Rad.: kPa (in. H
20)
0.12 (0.5)
Water Pump Capacity: L/min (gpm)
660 (174)
Heat Rejection to Coolant: kW (BTUM)
453 (25,760)
Heat Radiated to Ambient: kW (BTUM)
118.2 (6,720)
Fan Power: kW (hp)
31.3 (42)
31.3 (42)
* Installation of enclosures reduces the ambient capacity
of the cooling system by 1 °C (1.8 °F). Gravity exhaust
louvers reduce ambient capacity of the cooling system
by an additional 3 °C (5.5 °F).
// 
Air Requirements
Aspirating: *m3/min (SCFM)
24.6 (841)
Air Flow Required for Rad.
Cooled Unit: **m3/min (SCFM)
1,133 (40,000)
Remote Cooled Applications;
Air Flow Required for Dissipation
of Radiated Gen-set Heat for a
Max of 25 °F Rise: *m3/min (SCFM)
429 (15,160)
* Air density = 1.184 kg/m3 (0.0739 lbm/ft3)
** At 0.25 kPa (1 in. H
20) static pressure and
52 °C (125 °F) at radiator
// 
Exhaust System
Gas Temp. (Stack): °C (°F)
582 (1,080)
Gas Volume at Stack
Temp: m3/min (CFM)
72.2 (2,550)
Maximum Allowable
Back Pressure: kPa (in. H
20)
2.5 (10.25)
APPLICATION DATA


Similar Part No. - GS400-6S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS400SD ETL-GS400SD Datasheet
153Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
More results

Similar Description - GS400-6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com