Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMD90A180B Datasheet(PDF) 1 Page - Micross Components

Part # MIMMD90A180B
Description  1800V 90A Rectifier Diode Module RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMD90A180B Datasheet(HTML) 1 Page - Micross Components

  MIMMD90A180B Datasheet HTML 1Page - Micross Components MIMMD90A180B Datasheet HTML 2Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIMMD90A180B
1800V 90A Rectifier Diode Module
RoHS Compliant
PRODUCT FEATURES
·
Glass Passivated Chip
·
Aluminum Oxide Ceramic Isolated Metal Baseplate
·
Low Reverse Recovery Loss
·
Low Forward Voltage
·
High Surge Current Capability
·
Low Inductance Package
APPLICATIONS
·
Field Supply For DC Motors
·
Line Rectifiers For Transistorized AC Motor Controllers
·
Non-controllable Rectifiers For AC/DC Converter
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Max.
Unit
VRRM
Repetitive Reverse Voltage
1800
V
IF(AV)
Average Forward Current
TC=85°C Rectangular, d=0.5
90
A
IF(RMS)
RMS Forward Current
TC=85°C Rectangular, d=0.5
130
A
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=10ms, 50Hz, Sine
2000
A
TJ=45°C,t=8.3ms, 60Hz, Sine
2200
A
I2t
I2t (For Fusing)
TJ=45°C, t=10ms, 50Hz, Sine
20000
A2s
TJ=45°C,t=8.3ms, 60Hz, Sine
24200
A2s
PD
Power Dissipation
347
W
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
Visol
Insulation Test Voltage
AC, 50Hz, t=1min
3000
V
Weight
101
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRM
Reverse Leakage Current
VR=1600V
--
--
200
µA
VR=1600V, TJ=125°C
--
--
5
mA
VF
Forward Voltage
IF=200A
--
1.33
1.5
V
IF=200A,
TJ=125°C
--
1.3
--
V
RθJC
Thermal Resistance
Junction-to-Case
--
--
0.36
°C /W


Similar Part No. - MIMMD90A180B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD90A180DK MICROSS-MIMMD90A180DK Datasheet
1Mb / 2P
   1800V 90A Rectifier Diode Module RoHS Compliant
More results

Similar Description - MIMMD90A180B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD90A180DK MICROSS-MIMMD90A180DK Datasheet
1Mb / 2P
   1800V 90A Rectifier Diode Module RoHS Compliant
MIMMD160S180DK MICROSS-MIMMD160S180DK Datasheet
1Mb / 2P
   1800V 160A Rectifier Diode Module RoHS Compliant
MIMMD110A180DK MICROSS-MIMMD110A180DK Datasheet
1Mb / 2P
   1800V 110A Rectifier Diode Module RoHS Compliant
MIMMD110A180B MICROSS-MIMMD110A180B Datasheet
1Mb / 2P
   1800V 110A Rectifier Diode Module RoHS Compliant
MIMMD180S180DK MICROSS-MIMMD180S180DK Datasheet
1Mb / 2P
   1800V 180A Rectifier Diode Module RoHS Compliant
MIMMD180S180B MICROSS-MIMMD180S180B Datasheet
1Mb / 2P
   1800V 180A Rectifier Diode Module RoHS Compliant
MIMMD160S180B MICROSS-MIMMD160S180B Datasheet
1Mb / 2P
   1800V 160A Rectifier Diode Module RoHS Compliant
MIMMD200S180B MICROSS-MIMMD200S180B Datasheet
1Mb / 2P
   1800V 200A Rectifier Diode Module RoHS Compliant
MIMMD130S180B MICROSS-MIMMD130S180B Datasheet
1Mb / 2P
   1800V 130A Rectifier Diode Module RoHS Compliant
MIMMD130S180DK MICROSS-MIMMD130S180DK Datasheet
1Mb / 2P
   1800V 130A Rectifier Diode Module RoHS Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com