Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMK75U160UX Datasheet(PDF) 1 Page - Micross Components

Part # MIMMK75U160UX
Description  1600V 75A thyristor Module RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMK75U160UX Datasheet(HTML) 1 Page - Micross Components

  MIMMK75U160UX Datasheet HTML 1Page - Micross Components MIMMK75U160UX Datasheet HTML 2Page - Micross Components MIMMK75U160UX Datasheet HTML 3Page - Micross Components MIMMK75U160UX Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIMMK75U160UX
1600V 75A thyristor Module
RoHS Compliant
Features
· Isolated Module Package
· Isolation voltage 3000 V
· Three Phase Bridge and a Thyristor
■ Diode
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Max.
Unit
VRRM
Repetitive Reverse Voltage
1600
V
ID(AV)
Average Forward Current
TC=90°C, moudle
75
A
IFSM
Non-Repetitive Surge
Forward Current
TJ=45°C, t=10ms, 50Hz, Sine
1000
A
TJ=45°C, t=8.3ms, 60Hz, Sine
1100
A
I2t
I2t (For Fusing)
TJ=45°C, t=10ms, 50Hz, Sine
5
KA2s
TJ=45°C, t=8.3ms, 60Hz, Sine
6
KA2s
TJ
Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-40 to +125
°C
Visol
Insulation Test Voltage
AC, 50Hz, t=1min
3000
V
Weight
215
g
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRM
Reverse Leakage Current
VR=1600V
--
--
500
µA
VR=1600V, TJ=125°C
--
--
5
mA
VF
Forward Voltage
IF=75A
--
1.05
--
V
IF=75A,
TJ=125°C
--
1.0
--
V
RθJC
Thermal Resistance
Junction-to-Case
per diode
--
--
0.9
°C /W
per module
--
--
0.15
°C /W
RθCS
Thermal Resistance
Case -to-Sink
per diode
--
--
0.48
°C /W
per module
--
--
0.08
°C /W
Applications
·
Current Stabilized Power Supply
·
Switching Power Supply
·
Inverter For AC or DC Motor Control


Similar Part No. - MIMMK75U160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK75T160UX MICROSS-MIMMK75T160UX Datasheet
1Mb / 4P
   1600V 75A thyristor Module RoHS Compliant
More results

Similar Description - MIMMK75U160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK75T160UX MICROSS-MIMMK75T160UX Datasheet
1Mb / 4P
   1600V 75A thyristor Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
   1600V 130A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
logo
Nihon Inter Electronics...
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
   THYRISTOR MODULE 75A / 1600V
logo
Micross Components
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
   1600V 150A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK40A160B MICROSS-MIMMK40A160B Datasheet
1Mb / 5P
   1600V 40A thyristor Module RoHS Compliant
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK90A160UA MICROSS-MIMMK90A160UA Datasheet
2Mb / 5P
   1600V 90A thyristor Module RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com