Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG400K120U6UN Datasheet(PDF) 4 Page - Micross Components

Part # MIMMG400K120U6UN
Description  1200V 400A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG400K120U6UN Datasheet(HTML) 4 Page - Micross Components

  MIMMG400K120U6UN Datasheet HTML 1Page - Micross Components MIMMG400K120U6UN Datasheet HTML 2Page - Micross Components MIMMG400K120U6UN Datasheet HTML 3Page - Micross Components MIMMG400K120U6UN Datasheet HTML 4Page - Micross Components MIMMG400K120U6UN Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MIMMG400K120U6UN
30
20
10
0
200
IF (A)
Figure9. Switching Energy vs. Forward Current
800
600
400
0
Rectangular Pulse Duration (seconds)
Figure10. Transient Thermal Impedance of Diode
40
50
Rectangular Pulse Duration (seconds)
Figure11. Transient Thermal Impedance of IGBT
0.001
0.01
0.1
1
10
0.001
0.01
0.1
0.001
0.01
0.1
1
10
0.001
0.01
1
0.1
RG=2.5Ω
VCE=600V
TVj =125°C
RG(Ω)
Figure8. Switching Energy vs. Gate Resistor
VF(V)
Figure7. Diode Forward Characteristics
1
0
3
2
0
0
200
800
400
TVj =125°C
TVj =25°C
24
16
8
0
40
4
IF=400
A
VCE=600V
TVj =125°C
600
32
2.5
5
7.5
12.5
10


Similar Part No. - MIMMG400K120U6UN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG400KR060U MICROSS-MIMMG400KR060U Datasheet
2Mb / 5P
   600V 400A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG400K120U6UN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG400D120B6TN MICROSS-MIMMG400D120B6TN Datasheet
2Mb / 5P
   1200V 400A IGBT Module RoHS Compliant
MIMMG400HB060B6EN MICROSS-MIMMG400HB060B6EN Datasheet
2Mb / 6P
   600V 400A IGBT Module RoHS Compliant
MIMMG400D060B6EN MICROSS-MIMMG400D060B6EN Datasheet
2Mb / 5P
   600V 400A IGBT Module RoHS Compliant
MIMMG400KR060U MICROSS-MIMMG400KR060U Datasheet
2Mb / 5P
   600V 400A IGBT Module RoHS Compliant
MIMMG400D060B6N MICROSS-MIMMG400D060B6N Datasheet
2Mb / 5P
   600V 400A IGBT Module RoHS Compliant
MIMMG150DR120UZK MICROSS-MIMMG150DR120UZK Datasheet
2Mb / 5P
   1200V 150A IGBT Module RoHS Compliant
MIMMG100SR120DE MICROSS-MIMMG100SR120DE Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG75SR120UZK MICROSS-MIMMG75SR120UZK Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG50J120U MICROSS-MIMMG50J120U Datasheet
3Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG300DR120B MICROSS-MIMMG300DR120B Datasheet
2Mb / 5P
   1200V 300A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com