Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S093HCZ Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S093HCZ
Description  Subminiature, Low Profile, Transmissive Type Photointerrupter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S093HCZ Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S093HCZ Datasheet HTML 1Page - Sharp Corporation GP1S093HCZ Datasheet HTML 2Page - Sharp Corporation GP1S093HCZ Datasheet HTML 3Page - Sharp Corporation GP1S093HCZ Datasheet HTML 4Page - Sharp Corporation GP1S093HCZ Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GP1S093HCZ
Fig.6 Relative Collector Current vs. Ambient
Temperature
Fig.5 Collector Current vs. Collector-emitter
Voltage
Fig.7 Collector - emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Response Time vs. Load Resistance
Ambient temperature Ta (
°C)
IF=5mA
VCE=5V
0
120
110
100
90
80
70
60
50
40
30
20
10
−25
0
25
50
75
Collector-emitter voltage VCE (V)
0.0
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
1
2
3
4
5
6
7
8
9
10
Ta=25°C
IF=50mA
IF=30mA
IF=20mA
IF=10mA
IF=5mA
IF=40mA
Ambient temperature Ta (
°C)
IF=10mA
IC=40µA
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
−25
75
50
25
0
0.04
Load resistance RL (kΩ)
VCE=5V
IC=100µA
Ta=25°C
1
1000
100
10
0.1
1
10
100
tf
ts
td
tr
Fig.8 Collector Dark Current vs.
Ambient Temperature
10
−10
10
−9
5
2
10
−7
10
−6
5
2
5
2
10
−8
5
2
0
25
50
75
100
Ambient temperature Ta (°C)
VCE=20V
Fig.10 Test Circuit for Response Time
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr


Similar Part No. - GP1S093HCZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1S093HCZ

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPI-261D KODENSHI-KPI-261D Datasheet
60Kb / 2P
   Photointerrupter(Transmissive)
KPI-511 KODENSHI-KPI-511 Datasheet
55Kb / 2P
   Photointerrupter(Transmissive)
KPI-L06 KODENSHI-KPI-L06 Datasheet
68Kb / 2P
   Photointerrupter(Transmissive)
KPI23FTH KODENSHI-KPI23FTH Datasheet
75Kb / 2P
   Photointerrupter(Transmissive)
KPI-210C KODENSHI-KPI-210C Datasheet
77Kb / 4P
   Photointerrupter(Transmissive)
KPI-211 KODENSHI-KPI-211 Datasheet
61Kb / 4P
   Photointerrupter(Transmissive)
KPI-512 KODENSHI-KPI-512 Datasheet
59Kb / 2P
   Photointerrupter(Transmissive)
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9300 AVAGO-AEDS-9300 Datasheet
168Kb / 6P
   Transmissive Photointerrupter
logo
Sharp Corporation
GP1A44E1 SHARP-GP1A44E1 Datasheet
39Kb / 3P
   Transmissive Type Photointerrupter with Actuator
GP1S44S1 SHARP-GP1S44S1 Datasheet
38Kb / 3P
   Transmissive Type Photointerrupter with Actuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com