Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UM26XK Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1UM26XK
Description  Compact IR Detecting Unit for Remote Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UM26XK Datasheet(HTML) 1 Page - Sharp Corporation

  GP1UM26XK Datasheet HTML 1Page - Sharp Corporation GP1UM26XK Datasheet HTML 2Page - Sharp Corporation GP1UM26XK Datasheet HTML 3Page - Sharp Corporation GP1UM26XK Datasheet HTML 4Page - Sharp Corporation GP1UM26XK Datasheet HTML 5Page - Sharp Corporation GP1UM26XK Datasheet HTML 6Page - Sharp Corporation GP1UM26XK Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GP1UM26XK/GP1UM27XK Series
GP1UM28XK/GP1UM28YK Series
GP1UM26XK/27XK/28XK/28YK Series
s Outline Dimensions
GP1UM26XK Series
GP1UM27XK Series
*3 2.9
*1 2.54
*1 2.54
*3 5.8
2.9
*3
2.54
3−φ
0.8
Center of PD
1.4
1.4
2.54
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM26XK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
Example of mounting drawing from solder side (Reference)
1.8
R2.1
5
3.6
5.6
*23.6±0.5
8.6±
0.5
0.5
0.7
0.7
VOUT
VCC
GND
1
2
3
12
3
1
2
3
1.25
1.25
*3 2.9
*1 2.54
*1 2.54
*3 5.8
2.9
*3
2.54
3−φ
0.8
Center of PD
1.4
1.4
2.54
1.*1 : Indicates root dimensions of connector.
2.Unspecified tolerance :
±0.3
3.Case thickness : 0.3TYP
4.*2 : Exclude sagged solder
5.*3 : If there are difficulties to insert the GP1UM27XK series on PCB,
we recommend to expand
+0.1mm from original 2.9mm.
Example of mounting drawing from solder side (Reference)
5.6
1.25
1.25
0.5
0.8
0.8
VOUT
VCC
GND
1
2
3
12
3
1
2
3
1.8
R2.1
10.2
3.6
*23.6±0.5
13.8±
0.5
Compact IR Detecting Unit
for Remote Control
1. AV equipments
2. Home appliances
s Features
s Applications
1. Compact (case volume).
2. Various B.P.F. (Band Pass Frequency) frequency to meet
different user needs.
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
(Unit : mm)


Similar Part No. - GP1UM26XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UM26XK0VF SHARP-GP1UM26XK0VF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UM26XK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1UE27XK SHARP-GP1UE27XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com