Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6641TRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6641TRPBF
Description  Latest MOSFET silicon technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6641TRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6641TRPBF Datasheet HTML 1Page - International Rectifier IRF6641TRPBF Datasheet HTML 2Page - International Rectifier IRF6641TRPBF Datasheet HTML 3Page - International Rectifier IRF6641TRPBF Datasheet HTML 4Page - International Rectifier IRF6641TRPBF Datasheet HTML 5Page - International Rectifier IRF6641TRPBF Datasheet HTML 6Page - International Rectifier IRF6641TRPBF Datasheet HTML 7Page - International Rectifier IRF6641TRPBF Datasheet HTML 8Page - International Rectifier IRF6641TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.irf.com
© 2013 International Rectifier
July 1, 2013
IRF6641TRPbF
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
35
40
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 160V
VDS= 100V
VDS= 40V
ID= 5.5A
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
VGS
TOP
15V
10V
8.0V
BOTTOM
7.0V
60µs PULSE WIDTH
Tj = 25°C
7.0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
7.0V
60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
BOTTOM
7.0V
2
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 5.5A
VGS = 10V
Fig 6. Typical Gate Charge vs Gate-to-Source Voltage


Similar Part No. - IRF6641TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
More results

Similar Description - IRF6641TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com