Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG100SR060UA Datasheet(PDF) 5 Page - Micross Components

Part # MIMMG100SR060UA
Description  600V 100A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG100SR060UA Datasheet(HTML) 5 Page - Micross Components

  MIMMG100SR060UA Datasheet HTML 1Page - Micross Components MIMMG100SR060UA Datasheet HTML 2Page - Micross Components MIMMG100SR060UA Datasheet HTML 3Page - Micross Components MIMMG100SR060UA Datasheet HTML 4Page - Micross Components MIMMG100SR060UA Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIMMG100SR060UA
Dimensions in mm
Figure16. Package Outlines
94.0
23.0
23.0
17.0
80.0
M5
2.8x0.5
1
2
3
Rectangular Pulse Duration (seconds)
Figure13. Transient Thermal Impedance of IGBT
Duty
0.5
0.2
0.1
0.05
Single Pulse
Duty
0.5
0.2
0.1
0.05
Single Pulse
10-4
10-4
10-3
10-2
10-1
1
10-3
10-2
10-1
1
1
1
10-1
10-1
10-2
10-2
10-3
10-3
10-4
10-4
Rectangular Pulse Duration (seconds)
Figure14. Transient Thermal Impedance of Diode
Figure15. Circuit Diagram
1
2
3
6 7


Similar Part No. - MIMMG100SR060UA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100SR060UK MICROSS-MIMMG100SR060UK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZK MICROSS-MIMMG100SR060UZK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG100SR060UA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100SR060UK MICROSS-MIMMG100SR060UK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100S060B6N MICROSS-MIMMG100S060B6N Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZK MICROSS-MIMMG100SR060UZK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060DE MICROSS-MIMMG100SR060DE Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060B MICROSS-MIMMG100SR060B Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMF2X100J060D MICROSS-MIMMF2X100J060D Datasheet
1Mb / 3P
   600V 100A FRED Module RoHS Compliant
MIMMG100SR120DE MICROSS-MIMMG100SR120DE Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG100S120B6TN MICROSS-MIMMG100S120B6TN Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG100SR120UA MICROSS-MIMMG100SR120UA Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com