Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG100SR060B Datasheet(PDF) 2 Page - Micross Components

Part # MIMMG100SR060B
Description  600V 100A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG100SR060B Datasheet(HTML) 2 Page - Micross Components

  MIMMG100SR060B Datasheet HTML 1Page - Micross Components MIMMG100SR060B Datasheet HTML 2Page - Micross Components MIMMG100SR060B Datasheet HTML 3Page - Micross Components MIMMG100SR060B Datasheet HTML 4Page - Micross Components MIMMG100SR060B Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MIMMG100SR060B
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IGBT
VGE(th)
Gate - Emitter Threshold Voltage VCE=VGE, IC=250μA
3.5
5.5
V
IC=100A, VGE=15V, TJ=25°C
1.9
V
VCE(sat)
Collector - Emitter
Saturation Voltage
IC=100A, VGE=15V, TJ=125°C
2.1
V
VCE=600V, VGE=0V, TJ=25°C
0.5
mA
ICES
Collector Leakage Current
VCE=600V, VGE=0V, TJ=125°C
3
mA
IGES
Gate Leakage Current
VCE=0V, VGE=±20V
-1.1
1.1
μA
Qge
Gate Charge
VCC=300V, IC=100A , VGE=±15V
230
nC
Cies
Input Capacitance
5.3
nF
Coes
Output Capacitance
0.52
nF
Cres
Reverse Transfer Capacitance
VCE=25V, VGE=0V, f =1MHz
0.34
nF
td(on)
Turn - on Delay Time
45
ns
tr
Rise Time
45
ns
td(off)
Turn - off Delay Time
320
ns
tf
Fall Time
VCC=300V, IC=100A
RG =10Ω,VGE=±15V
TJ=25°C
Inductive Load
35
ns
td(on)
Turn - on Delay Time
50
ns
tr
Rise Time
45
ns
td(off)
Turn - off Delay Time
350
ns
tf
Fall Time
VCC=300V, IC=100A
RG =10Ω,VGE=±15V
TJ=125°C
Inductive Load
40
ns
3.5
mJ
Eon
Turn - on Switching Energy
4.5
mJ
2.5
mJ
Eoff
Turn - off Switching Energy
VCC=300V, IC=100A
TJ=25°C
RG =10Ω
TJ=125°C
VGE=±15V
TJ=25°C
Inductive Load
TJ=125°C
3.5
mJ
Free-Wheeling Diode
IF=100A , VGE=0V, TJ=25°C
1.9
2.2
V
VF
Forward Voltage
IF=100A , VGE=0V, TJ=125°C
1.7
2.0
V
trr
Reverse Recovery Time
50
ns
IRRM
Max. Reverse Recovery Current
45
A
Qrr
Reverse Recovery Charge
IF=100A , VR=400V
diF/dt=-1000A/μs
TJ=125°C
1.5
µC
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RthJC
Junction-to-Case Thermal Resistance
Per IGBT
0.2
K /W
RthJCD
Junction-to-Case Thermal Resistance
Per Inverse Diode
0.5
K /W
Torque
Module-to-Sink
Recommended(M6)
3
5
N· m
Torque
Module Electrodes
Recommended(M5)
2.5
5
N· m
Weight
150
g


Similar Part No. - MIMMG100SR060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100SR060DE MICROSS-MIMMG100SR060DE Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UA MICROSS-MIMMG100SR060UA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UK MICROSS-MIMMG100SR060UK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZK MICROSS-MIMMG100SR060UZK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG100SR060B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100SR060UK MICROSS-MIMMG100SR060UK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100S060B6N MICROSS-MIMMG100S060B6N Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UZK MICROSS-MIMMG100SR060UZK Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060UA MICROSS-MIMMG100SR060UA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100SR060DE MICROSS-MIMMG100SR060DE Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMF2X100J060D MICROSS-MIMMF2X100J060D Datasheet
1Mb / 3P
   600V 100A FRED Module RoHS Compliant
MIMMG100SR120DE MICROSS-MIMMG100SR120DE Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG100S120B6TN MICROSS-MIMMG100S120B6TN Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
MIMMG100SR120UA MICROSS-MIMMG100SR120UA Datasheet
2Mb / 5P
   1200V 100A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com