Electronic Components Datasheet Search |
|
MIMMG75SR060DE Datasheet(PDF) 1 Page - Micross Components |
|
MIMMG75SR060DE Datasheet(HTML) 1 Page - Micross Components |
1 / 5 page MIMMG75SR060DE 600V 75A IGBT Module RoHS Compliant FEATURES · Ultra Low Loss · High Ruggedness · High Short Circuit Capability · Positive Temperature Coefficient · With Fast Free-Wheeling Diodes APPLICATIONS · Invertor · Convertor · Welder · SMPS and UPS · Induction Heating ABSOLUTE MAXIMUM RATINGS TC=25°C unless otherwise specified t s e T r e t e m a r a P l o b m y S Conditions Values Unit IGBT VCES Collector - Emitter Voltage 600 V VGES Gate - Emitter Voltage ± 20 V IC DC Collector Current TC 0 5 1 C ° 5 2 = A TC=100°C 7 5 A ICpuls Pulsed Collector Current TC=25°C, tp=1ms 300 A TC=80°C, tp=1ms 210 A Ptot Power Dissipation Per IGBT 625 W TJ Junction Temperature Range -40 to +150 °C TSTG Storage Temperature Range -40 to +125 °C Visol Insulation Test Voltage AC, t=1min 3000 V Free-Wheeling Diode VRRM Repetitive Reverse Voltage 600 V IF(AV) Average Forward Current TC=25°C 125 A TC 5 8 C ° 0 8 = A IF(RMS) RMS Forward Current 122 A IFSM Non-Repetitive Surge Forward Current TJ=45°C, t=10ms, Sine 500 A TJ=45°C, t=8.3ms, Sine 545 A GS Series Module |
Similar Part No. - MIMMG75SR060DE |
|
Similar Description - MIMMG75SR060DE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |