Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI420DC Datasheet(PDF) 4 Page - C&D Technologies

Part # CPCI420DC
Description  420 Watt, 6U x 8HP, CompactPCI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

CPCI420DC Datasheet(HTML) 4 Page - C&D Technologies

  CPCI420DC Datasheet HTML 1Page - C&D Technologies CPCI420DC Datasheet HTML 2Page - C&D Technologies CPCI420DC Datasheet HTML 3Page - C&D Technologies CPCI420DC Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
cPCI420-DC REV B 8/2002
Product: www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and
in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.


Similar Part No. - CPCI420DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CPCI420D-1 MURATA-CPCI420D-1 Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
CPCI420D-1C MURATA-CPCI420D-1C Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
More results

Similar Description - CPCI420DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI325D MURATA-TPS_CPCI325D Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
logo
Murata Power Solutions ...
CPCI325D-101C MURATA-PS-CPCI325D-101C Datasheet
152Kb / 4P
   325 Watt, 3U x 8HP CompactPCI?
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
   3U x 8HP CompactPCI Serial
HDC350P-24B-490 HITRON-HDC350P-24B-490 Datasheet
327Kb / 2P
   406W 6U X 8HP EUROCARD PACKAGE
HDC400P-48B-490 HITRON-HDC400P-48B-490_11 Datasheet
317Kb / 2P
   400W 6U X 8HP EUROCARD PACKAGE
logo
Total Power Internation...
TPAC400P TOTAL-POWER-TPAC400P_11 Datasheet
405Kb / 2P
   400W 6U X 8HP EUROCARD PACKAGE
logo
HITRON ELECTRONICS CORP...
HAC400P HITRON-HAC400P_17 Datasheet
220Kb / 2P
   400W 6U X 8HP EUROCARD PACKAGE
HDC500P-48B HITRON-HDC500P-48B_11 Datasheet
310Kb / 2P
   500W 6U X 8HP EUROCARD PACKAGE
HAC500P HITRON-HAC500P_17 Datasheet
195Kb / 2P
   500W 6U X 8HP EUROCARD PACKAGE
HAV1000 HITRON-HAV1000 Datasheet
375Kb / 3P
   VITA 62 Compliant 6U 8HP or 10HP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com