Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDDMDXA40 Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # RDDMDXA40
Description  RD-DMDXA40
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

RDDMDXA40 Datasheet(HTML) 3 Page - MRV Communications, Inc.

  RDDMDXA40 Datasheet HTML 1Page - MRV Communications, Inc. RDDMDXA40 Datasheet HTML 2Page - MRV Communications, Inc. RDDMDXA40 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
MRV Optical Communications Systems®
®
MRV-FD-RDDMDXA40-120310
Copyright ©2010 MRV Communications, Inc. All Rights Reserved.
3020096-001 Rev. A1
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Model
Function
Connectors
Port/Link
Wavelength
(nm)
RD-DMDXA40
DWDM Passive forty-channel
multiplexer and de-multiplexer.
DLC / DLC
1529.55 - 1560.61
(Channel 21-60 ITU Grid)
Operating Specifications
Operating Temperature Range
-50C to 650C (230F to 1490F)
Operating Relative Humidity
85% maximum, non-condensing
Storage Temperature
-400C to 850C (-400F to 1850F)
Storage Relative Humidity
5 to 95% maximum, non-condensing
Physical Dimensions
44 mm x 439 mm x 305 mm deep (1.7” x 17.3” x 12” deep)
Weight
Approximately 2.0 kg (4.4 lb)
Regulatory Compliances
RoHS Directive; China RoHS; WEEE Directive: Wheelie Bin Mark
For more information, visit www.mrv.com or contact your MRV sales representative.


Similar Part No. - RDDMDXA40

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RDD XPPOWER-RDD Datasheet
509Kb / 3P
   DC-DC Converter
logo
Chinfa Electronics Ind....
RDD-05-12D4U CHINFA-RDD-05-12D4U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
Heyco.
RDD-100 HEYCO-RDD-100 Datasheet
180Kb / 1P
   Lockit™ Strain Relief Pre-Assembly Equipment Directory
RDD-101 HEYCO-RDD-101 Datasheet
63Kb / 1P
   Lockit™ ST and RDD Strain Relief Bushings
RDD-201 HEYCO-RDD-201 Datasheet
63Kb / 1P
   Lockit™ ST and RDD Strain Relief Bushings
More results

Similar Description - RDDMDXA40

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037096 PHOENIX-3037096 Datasheet
178Kb / 6P
   ST 2,5 RD
logo
ERNI Electronics
374459 ERNI-374459 Datasheet
82Kb / 1P
   Messerleiste RD 128
logo
PHOENIX CONTACT
3045062 PHOENIX-3045062 Datasheet
162Kb / 6P
   UT 2,5 RD
3045127 PHOENIX-3045127 Datasheet
145Kb / 6P
   UT 4 RD
3045185 PHOENIX-3045185 Datasheet
144Kb / 6P
   UT 6 RD
logo
ERNI Electronics
100201950001 ERNI-100201950001 Datasheet
131Kb / 1P
   Messerleiste RD 128
logo
PHOENIX CONTACT
3037151 PHOENIX-3037151 Datasheet
169Kb / 5P
   ST 4 RD
3037038 PHOENIX-3037038 Datasheet
147Kb / 4P
   ST 1,5 RD
0711810 PHOENIX-0711810 Datasheet
42Kb / 2P
   Fixed bridge - FBRI 2-8 N SO RD/RD
3046304 PHOENIX-3046304 Datasheet
143Kb / 6P
   UT 10 RD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com