Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP20A Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # PP20A
Description  PLANAR TRANSFORMERS HIGH FREQUENCY 100 WATT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PP20A Datasheet(HTML) 2 Page - MPS Industries, Inc.

  PP20A Datasheet HTML 1Page - MPS Industries, Inc. PP20A Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm:X,X:±0,38X,XX:±0,10
DIMENSIONS (mm)
SCHEMATICS
Figure A
Figure B
Figure C
SUGGESTED PAD LAYOUT
PP20A SERIES
PLANAR TRANSFORMERS
HIGH FREQUENCY 100 WATT


Similar Part No. - PP20A

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PP20 EDI-PP20 Datasheet
87Kb / 2P
   SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
logo
Powerex Power Semicondu...
PP200B060 POWEREX-PP200B060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V H-Bridge IGBT Assembly
PP200B120 POWEREX-PP200B120 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 1200V H-Bridge IGBT Assembly
PP200B120-ND POWEREX-PP200B120-ND Datasheet
581Kb / 5P
   H-Bridge POW-R-PAK??IGBT Assembly 200 Amperes/1200 Volts
PP200T060 POWEREX-PP200T060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V 3 phase IGBT Assembly
More results

Similar Description - PP20A

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PP25F MPSIND-PP25F Datasheet
637Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 140 WATT
PP18D MPSIND-PP18D Datasheet
600Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 30 WATT
PP20B MPSIND-PP20B Datasheet
753Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 75 WATT
PP14D MPSIND-PP14D Datasheet
557Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 15 WATT
PP25D MPSIND-PP25D Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com