Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6062IMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC6062IMX
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6062IMX Datasheet(HTML) 4 Page - Texas Instruments

  LMC6062IMX Datasheet HTML 1Page - Texas Instruments LMC6062IMX Datasheet HTML 2Page - Texas Instruments LMC6062IMX Datasheet HTML 3Page - Texas Instruments LMC6062IMX Datasheet HTML 4Page - Texas Instruments LMC6062IMX Datasheet HTML 5Page - Texas Instruments LMC6062IMX Datasheet HTML 6Page - Texas Instruments LMC6062IMX Datasheet HTML 7Page - Texas Instruments LMC6062IMX Datasheet HTML 8Page - Texas Instruments LMC6062IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LMC6062
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6062AM
LMC6062AI
LMC6062I
Symbol
Parameter
Conditions
Typ(2)
Units
Limit(3)
Limit(3)
Limit(3)
IO
Output Current
Sourcing, VO = 0V
22
16
16
13
mA
V+ = 5V
8
10
8
Min
Sinking, VO = 5V
21
16
16
16
mA
7
8
8
Min
IO
Output Current
Sourcing, VO = 0V
25
15
15
15
mA
V+ = 15V
9
10
10
Min
Sinking, VO = 13V
(5)
35
20
20
20
mA
7
8
8
Min
IS
Supply Current
Both Amplifiers
32
38
38
46
μA
V+ = +5V, VO = 1.5V
60
46
56
Max
Both Amplifiers
40
47
47
57
μA
V+ = +15V, VO = 7.5V
70
55
66
Max
(5)
Do not connect output to V+, when V+ is greater than 13V or reliability will be adversely affected.
AC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C, Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6062AM
LMC6062AI
LMC6062I
Symbol
Parameter
Conditions
Typ(2)
Units
Limit(3)
Limit(3)
Limit(3)
SR
Slew Rate
See (4)
35
20
20
15
V/ms
8
10
7
Min
GBW
Gain-Bandwidth Product
100
kHz
θm
Phase Margin
50
Deg
Amp-to-Amp Isolation
See (5)
155
dB
en
Input-Referred Voltage Noise
F = 1 kHz
83
nV/
√Hz
in
Input-Referred Current Noise
F = 1 kHz
0.0002
pA/
√Hz
T.H.D.
Total Harmonic Distortion
F = 1 kHz, AV = −5
RL = 100 kΩ, VO = 2 VPP
0.01
%
±5V Supply
(1)
For ensured Military Temperature Range parameters, see RETSMC6062X.
(2)
Typical values represent the most likely parametric norm.
(3)
All limits are ensured by testing or statistical analysis.
(4)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
(5)
Input referred V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turn with 100 Hz to produce VO = 12 VPP.
4
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6062


Similar Part No. - LMC6062IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IMX TI-LMC6062IMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IMX TI1-LMC6062IMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062IMX NSC-LMC6062IMX Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062IMX TI1-LMC6062IMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IMX-NOPB TI1-LMC6062IMX-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com