Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD01J15R Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SD01J15R
Description  SD01XXXR SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SD01J15R Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SD01J15R Datasheet HTML 1Page - MPS Industries, Inc. SD01J15R Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD01XXXR SERIES
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
---
260
°C
Isolation
Voltage
1000
---
---
VDC
Isolation
Resistance
10
---
---
GΩ
Isolation
Capacitance
---
---
---
pF
Switching
Frequency
50
---
---
kHz
Parameter
Conditions
Min.
Max. Units
Parameter
Min.
Typ.
Max.
Units
Operating
Temperature
Ambient
-40
85
°C
Line Regulation
---
---
0.5
%
Operating
Temperature
Case
-25
90
°C
Load Regulation
---
---
0.8
%
Storage
Temperature
-50
130
°C
Ripple & Noise
---
---
100
mV P-P
Humidity
---
95
%
Ripple & Noise
---
---
150
mV P-P
Cooling
2463 208th Street, Ste. 205
http://www.mpsind.com
Torrance, CA 90501
E-mail: sales@mpsind.com
1. Specifications typical at Ta=+25°C, resistive load, nominal input
voltage, rated output current unless otherwise noted.
2. These power converters require a minimum output load to maintain
specified regulation.
3. Operation under no-load conditions will not damage these modules;
however, they may not meet all specifications listed.
4. All DC/DC converters should be externally fused at the front end for
protection.
5. Other input and output voltage may be available, please contact
factory.
6. All specifications subject to change without notice.
7. For detailed data sheet, please visit our website.
---
100kHz, 1V
MTBF
1
MIL-HDBK-217F
@25°C
Ground Benign
Io = 20% to 100%
20MHz BW
(12-15V)
Notes:
1W, Wide Input Range SIP, Single Output DC/DC Converters
Absolute Maximum Ratings
Parameter
Conditions
60 Seconds
500VDC
General Characteristics
Lead Temperature
(1.5mm from case for 10sec.)
Exceeding the unit absolute maximum ratings could cause damage.
These are not continuous operating ratings.
Tel: (310) 533-1455
Fax: (310) 533-1853
---
MHrs
Environmental Characteristics
Free-Air Convection
Output Characteristics
20MHz BW
(5-9V)
Conditions
For Vin Change of
1%


Similar Part No. - SD01J15R

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SD01-353 CONNOR-WINFIELD-SD01-353 Datasheet
43Kb / 1P
   16 PIN DIP SINEWAVE
logo
TDK Electronics
SD01005SL-GP101 TDK-SD01005SL-GP101 Datasheet
254Kb / 11P
   WL-CSP01005 Slim-line, General purpose type
2021-02-02 Version: 2
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
   WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
logo
SEMTECH ELECTRONICS LTD...
SD0103WS SEMTECH_ELEC-SD0103WS Datasheet
173Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
More results

Similar Description - SD01J15R

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com