Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8321WCY46ARJZR7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM8321WCY46ARJZR7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8321WCY46ARJZR7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM8321WCY46ARJZR7 Datasheet HTML 4Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 5Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 6Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 7Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 8Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 9Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 10Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 11Page - Analog Devices ADM8321WCY46ARJZR7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Data Sheet
Rev. 0 | Page 8 of 16
Figure 12. Normalized Watchdog Timeout vs. Temperature
Figure 13. Maximum VCC Transient Duration vs. RESET Threshold Overdrive
Figure 14. Manual Reset (MR) Minimum Pulse Width vs. Temperature
Figure 15. Watchdog Input Minimum Pulse Width vs. Temperature
Figure 16. RESET Open-Drain VOL Voltage vs. VCC Voltage (VTH = 3 V)
Figure 17. RESET Push-Pull VOL Voltage vs. VCC Voltage (VTH = 4 V)
0.90
0.95
1.00
1.05
1.10
1.15
1.20
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
10
100
1000
OVERDRIVE VOLTAGE (mV)
VTH = 2.93V
RESET ASSERTED ABOVE CURVE
VTH = 4.63V
VTH = 5V
–40
–20
0
20
40
60
80
100
120
650
660
670
680
690
700
710
720
730
740
750
760
770
780
790
800
810
820
830
840
850
TEMPERATURE (°C)
VTH = 2.5V
VTH = 2.93V
VTH = 5V
0
1
2
3
4
5
6
7
8
9
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
NEGATIVE PULSE
POSITIVE PULSE
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
VCC VOLTAGE (V)
0.008
0.058
0.108
0.158
0.208
0.258
0.308
ISINK = 3.2mA
ISINK = 800µA
0
0.05
0.10
0.15
0.20
0.25
0.30
1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9
VCC VOLTAGE (V)
ISINK = 3.2mA
ISINK = 800µA


Similar Part No. - ADM8321WCY46ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8321 AD-ADM8321 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
More results

Similar Description - ADM8321WCY46ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com