Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP330EEY-LTR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP330EEY-LTR
Description  SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330EEY-LTR Datasheet(HTML) 3 Page - Exar Corporation

  SP330EEY-LTR Datasheet HTML 1Page - Exar Corporation SP330EEY-LTR Datasheet HTML 2Page - Exar Corporation SP330EEY-LTR Datasheet HTML 3Page - Exar Corporation SP330EEY-LTR Datasheet HTML 4Page - Exar Corporation SP330EEY-LTR Datasheet HTML 5Page - Exar Corporation SP330EEY-LTR Datasheet HTML 6Page - Exar Corporation SP330EEY-LTR Datasheet HTML 7Page - Exar Corporation SP330EEY-LTR Datasheet HTML 8Page - Exar Corporation SP330EEY-LTR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SP330E
3
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: 
VCC = +3.0V to +5.5V, C1-C4 = 0.1µF; TA = TMIN to TMAX. Typical values are at VL = VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DC CHARACTERISTICS
ICC
Supply Current (RS-232)
1
2.5
mA
No load, Idle inputs,
RS-485/RS-232 = 0V
ICC
Supply Current (RS-485/422)
1.8
4.5
mA
No load, Idle inputs,
RS-485/RS-232 = VCC
ICC
Vcc Shutdown Current
0.01
1
µA
SHDN = 0V, Receiver inputs
open or grounded
TRANSMITTER and LOGIC INPUTS (PINS 11 - 14 & 18 - 20)
VIL
Logic Input Voltage Low
VL
3
V
VIH
Logic Input Voltage High
2VL
3
V
IINL
Logic Input Leakage Current
±0.01
±1
µA
IINPD
Logic Input Pulldown Current
10
50
µA
RE pin 18, VIN = VL
VHYS
Logic Input Hysteresis
200
mV
RS-232 and RS-485/422 RECEIVER OUTPUTS (PINS 8 & 9)
VOL
Receiver Output Voltage Low
0.4
V
IOUT = 1.5mA
VOH
Receiver Output Voltage High
VL-0.6
V
IOUT = -1.5mA
IOSS
Receiver Output Short Circuit Current
±20
±85
mA
0
V
O VL
IOZ
Receiver Output Leakage Current
±0.05
±1
µA
0
V
O VL,
Receivers disabled


Similar Part No. - SP330EEY-LTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-L/TR EXAR-SP330EEY-L/TR Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results

Similar Description - SP330EEY-LTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com