Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE12CA Datasheet(PDF) 8 Page - STMicroelectronics

Part # P6KE12CA
Description  Transil?? transient voltage surge suppressor (TVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE12CA Datasheet(HTML) 8 Page - STMicroelectronics

  P6KE12CA Datasheet HTML 1Page - STMicroelectronics P6KE12CA Datasheet HTML 2Page - STMicroelectronics P6KE12CA Datasheet HTML 3Page - STMicroelectronics P6KE12CA Datasheet HTML 4Page - STMicroelectronics P6KE12CA Datasheet HTML 5Page - STMicroelectronics P6KE12CA Datasheet HTML 6Page - STMicroelectronics P6KE12CA Datasheet HTML 7Page - STMicroelectronics P6KE12CA Datasheet HTML 8Page - STMicroelectronics P6KE12CA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
P6KE
8/9
Doc ID 3068 Rev 7
4
Ordering information
5
Revision history
Table 6.
Ordering information
Order code
Marking(1)
1.
Logo, date code, type code, cathode band (for unidirectional types only).
Package
Weight
Base qty
Delivery mode
P6KExxxx
See Table 5
DO-15
0.4 g
1000
Ammopack
P6KExxxxRL
6000
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
Feb-2003
4A
Last update
Oct-2004
5
1/ Note 5, figure 7 on page 4, updated from VBR > 220V to
VBR ≥ 200V.
2/ Types table on page 2: IPP (@10/1000µs) changed for
P6KE220xx to P6KE440xx
14-Sep-2011
6
Updated IRM @ VRM values, VBRmax @ IR for P6KE33 and
order codes in Table 3. Updated footnotes to Table 5.
Updated TL temperature in Table 1.
26-Apr-2012
7
Corrected typographical area Table 3.


Similar Part No. - P6KE12CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE12CA PANJIT-P6KE12CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Diodes Incorporated
P6KE12CA DIODES-P6KE12CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
DONGGUAN YOU FENG WEI E...
P6KE12CA YFWDIODE-P6KE12CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Yea Shin Technology Co....
P6KE12CA YEASHIN-P6KE12CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE12CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com